Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 67Page - STMicroelectronics ST25R3916B Datasheet HTML 68Page - STMicroelectronics ST25R3916B Datasheet HTML 69Page - STMicroelectronics ST25R3916B Datasheet HTML 70Page - STMicroelectronics ST25R3916B Datasheet HTML 71Page - STMicroelectronics ST25R3916B Datasheet HTML 72Page - STMicroelectronics ST25R3916B Datasheet HTML 73Page - STMicroelectronics ST25R3916B Datasheet HTML 74Page - STMicroelectronics ST25R3916B Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 165 page
background image
DS13541 Rev 7
71/165
ST25R3916B ST25R3917B
Application information
164
Antenna driver and
modulation
28
TX driver register
29
Passive target modulation register
External field detector
threshold
2A
External field detector activation threshold register
2B
External field detector deactivation threshold register
Regulator
2C
Regulator voltage control register
Receiver state display
2D
RSSI display register
2E
Gain reduction state register
Auxiliary display
31
Auxiliary display register
Wake-up
32
Wake-up timer control register
33
Amplitude measurement configuration register
34
Amplitude measurement reference register
35
Amplitude measurement auto-averaging display register
36
Amplitude measurement display register
37
Phase measurement configuration register
38
Phase measurement reference register
39
Phase measurement auto-averaging display register
3A
Phase measurement display register
IC identity
3F
IC identity register
Table 19. List of registers - Space B
Type
Address (hex)
Register space B (Rs-B)
Protocol configuration
05
EMD suppression configuration register
06
Subcarrier start timer register
Receiver configuration
0B
P2P receiver configuration register 1
0C
Correlator configuration register 1
0D
Correlator configuration register 2
Timer definition
0F
Squelch timer register
15
NFC field on guard timer register
Antenna driver and modulation
28
Auxiliary modulation setting register
29
TX driver timing register
External field detector threshold
2A
Resistive AM modulation register
2B
TX driver timing display register
Regulator
2C
Regulator display register
Table 18. List of registers - Space A (continued)
Type
Address (hex)
Register space A (Rs-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com