Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 124Page - STMicroelectronics ST25R3916B Datasheet HTML 125Page - STMicroelectronics ST25R3916B Datasheet HTML 126Page - STMicroelectronics ST25R3916B Datasheet HTML 127Page - STMicroelectronics ST25R3916B Datasheet HTML 128Page - STMicroelectronics ST25R3916B Datasheet HTML 129Page - STMicroelectronics ST25R3916B Datasheet HTML 130Page - STMicroelectronics ST25R3916B Datasheet HTML 131Page - STMicroelectronics ST25R3916B Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 165 page
background image
Application information
ST25R3916B ST25R3917B
128/165
DS13541 Rev 7
4.5.61
AWS Config 2 register(a)
Register Space: B
Address: 2Fh
Type: RW
a. Settings for this register are only applicable when bit rgs_am=1.
Table 97. AWS configuration 2
Bit
Name
Default
Function
Comments
7:6
RFU
-
-
-
5am_sym
0
0: Nonsymmetrical shape
1: Symmetrical shape
For OOK modulation typically different signal fall
and rise times are required and a
non-symmetrical shape is preferred.
For ASK modulation a symmetrical shape during
signal fall and rise time is preferred.
4
en_modsink
0
0: weak sink during AWS
modulation
1: strong sink during AWS
modulation
Selection between strong and weak sink for
discharging VDD_AM
3
am_filt3
0
Filter for AM reference in AWS
Sets the time constant of the first order filter for
the AM reference
A higher am_filt value increases the signal rise
and fall time in combination with AWS time
register settings
2
am_filt2
0
1
am_filt1
0
0
am_filt0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com