Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 131Page - STMicroelectronics ST25R3916B Datasheet HTML 132Page - STMicroelectronics ST25R3916B Datasheet HTML 133Page - STMicroelectronics ST25R3916B Datasheet HTML 134Page - STMicroelectronics ST25R3916B Datasheet HTML 135Page - STMicroelectronics ST25R3916B Datasheet HTML 136Page - STMicroelectronics ST25R3916B Datasheet HTML 137Page - STMicroelectronics ST25R3916B Datasheet HTML 138Page - STMicroelectronics ST25R3916B Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 165 page
background image
DS13541 Rev 7
135/165
ST25R3916B ST25R3917B
Application information
164
4.5.70
AWS time 1 register
Register Space: B
Address: 34h
Type: RW
4.5.71
AWS time 2 register
Register Space: B
Address: 35h
Type: RW
Table 107. AWS time 1 register
Bit
Name
Default
Function
Comments
7
RFU
0
-
It must be set to 0 for bit 4 to 7
6RFU
0
-
-
5RFU
0
-
-
4RFU
0
-
-
3
tmodsw1_3
0
time
Set the time in fc periods when clamp
between VDD_RF and VDD_AM is released.
2
tmodsw1_2
0
1
tmodsw1_1
0
0
tmodsw1_0
0
Table 108. AWS time 2 register
Bit
Name
Default
Function
Comments
7
tammod1_3
0
time
Sets the time in fc periods when the VDD_AM
modulation starts changing and the driver
switches to VDD_AM.
The value should be smaller or equal to
tmodsw1, it is recommended 0
6
tammod1_2
0
5
tammod1_1
0
4
tammod1_0
0
3
tdres1_3
0
time
Set the time in fc periods when the driver
resistance changes to modulation resistance.
The recommended setting for bits tdres1 is 0
when using AWS.
2
tdres1_2
0
1
tdres1_1
0
0
tdres1_0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com