Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN250 Datasheet(PDF) 69 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 65Page - STMicroelectronics SN250 Datasheet HTML 66Page - STMicroelectronics SN250 Datasheet HTML 67Page - STMicroelectronics SN250 Datasheet HTML 68Page - STMicroelectronics SN250 Datasheet HTML 69Page - STMicroelectronics SN250 Datasheet HTML 70Page - STMicroelectronics SN250 Datasheet HTML 71Page - STMicroelectronics SN250 Datasheet HTML 72Page - STMicroelectronics SN250 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 130 page
background image
SN250
Functional description—application modules
69/130
7.3.1
SPI modes
The SPI mode of the SC2 supports both master and slave modes. It has a fixed word length
of 8 bits. The SC2 SPI controller is enabled with SC2_MODE set to 2.
The SC2 SPI mode has the following features:
Master and slave modes
Full duplex operation
Programmable master mode clock frequency (12MHz max.)
Slave mode up to 5MHz bit rate
Programmable clock polarity and clock phase
Selectable data shift direction (either LSB or MSB first)
Optional slave select input
The following signals can be made available on the GPIO pins:
MOSI (master out/slave in)
MISO (master in/slave out)
MSCLK (serial clock)
nSSEL (slave select—only in slave mode)
SPI master mode
The SC2 SPI Master controller is enabled with the SC_SPIMST set in the SC2_SPICFG
register.
The SC2 SPI module obtains its reference clock from a programmable clock generator.
Clock rates are set by a clock division ratio from the 24 MHz clock:
EXP is written to the SC2_RATEEXP register and LIN to the SC2_RATELIN register. Since
the range for both values is 0 to 15, the fastest data rate is 12Mbps and the slowest is
22.9bps.
The SC2 SPI Master supports various frame formats depending upon the clock polarity
(SC_SPIPOL), clock phase (SC_SPIPHA), and direction of data (SC_SPIORD) (see
Table 24). The register bits SC_SPIPOL, SC_SPIPHA, and SC_SPIORD are defined within
the SC2_SPICFG register.
Note:
Switching the SPI configuration from SC_SPIPOL=1 to SC_SPIPOL=0 without subsequently
setting SC2_MODE=0 and reinitializing the SPI will cause an extra byte (0xFE) to be
transmitted immediately before the first intended byte.
Rate
24 MHz
2LIN
1
+
() 2
EXP
⋅⋅
-------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com