Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN250 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 22Page - STMicroelectronics SN250 Datasheet HTML 23Page - STMicroelectronics SN250 Datasheet HTML 24Page - STMicroelectronics SN250 Datasheet HTML 25Page - STMicroelectronics SN250 Datasheet HTML 26Page - STMicroelectronics SN250 Datasheet HTML 27Page - STMicroelectronics SN250 Datasheet HTML 28Page - STMicroelectronics SN250 Datasheet HTML 29Page - STMicroelectronics SN250 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 130 page
background image
Functional description—system modules
SN250
26/130
6.8
Reset detection
The SN250 contains multiple reset sources. The reset event is logged into the reset source
register, which lets the CPU determine the cause of the last reset. The following reset
causes are detected:
Power-on-Reset
Watchdog
PC rollover
Software reset
Core Power Dip
6.9
Power-on-Reset (POR)
Each voltage domain (1.8V Digital Core Supply VDD_CORE and Pads Supply VDD_PADS)
has a power-on-reset (POR) cell.
The VDD_PADS POR cell holds the always-powered high-voltage domain in reset until the
following conditions have been met:
The high-voltage Pads Supply VDD_PADS voltage rises above a threshold.
The internal RC clock starts and generates three clock pulses.
The 1.8V POR cell holds the main digital core in reset until the regulator output voltage
rises above a threshold.
Additionally, the digital domain counts 1,024 clock edges on the 24MHz crystal before
releasing the reset to the main digital core.
Table 11 lists the features of the SN250 POR circuitry.
6.10
Clock sources
The SN250 integrates three oscillators: a high-frequency 24MHz crystal oscillator, an
optional low-frequency 32.768kHz crystal oscillator, and a low-frequency internal 10kHz RC
oscillator.
6.10.1
High-frequency crystal oscillator
The integrated high-frequency crystal oscillator requires an external 24MHz crystal with an
accuracy of ± 40ppm. Based upon the application Bill of Materials and current consumption
requirements, the external crystal can cover a range of ESR requirements. For a lower ESR,
the cost of the crystal increases but the overall current consumption decreases. Likewise,
Table 11.
POR specifications
Parameter
Min.
Typ.
Max.
Unit
VDD_PADS POR release
1.0
1.2
1.4
V
VDD_PADS POR assert
0.5
0.6
0.7
V
1.8V POR release
1.35
1.5
1.65
V
1.8V POR hysteresis
0.08
0.1
0.12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com