Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN250 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 21Page - STMicroelectronics SN250 Datasheet HTML 22Page - STMicroelectronics SN250 Datasheet HTML 23Page - STMicroelectronics SN250 Datasheet HTML 24Page - STMicroelectronics SN250 Datasheet HTML 25Page - STMicroelectronics SN250 Datasheet HTML 26Page - STMicroelectronics SN250 Datasheet HTML 27Page - STMicroelectronics SN250 Datasheet HTML 28Page - STMicroelectronics SN250 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 130 page
background image
SN250
Functional description—system modules
25/130
the Simulated EEPROM implements an effective wear-leveling algorithm which effectively
extends the number of write cycles for individual tokens.
6.6.3
Flash Information Area (FIA)
The SN250 also includes a separate 1024-byte FIA that can be used for storage of data
during manufacturing, including serial numbers and calibration values. This area is mapped
to the data side of the address space, starting at address 0x5000. While this area can be
read as individual bytes, it can only be written to one word at a time, and may only be
erased as a whole. Programming of this special Flash page can only be enabled using the
SIF interface to prevent accidental corruption or erasure. The ZNet stack reserves a small
portion of this space for its own use, but the rest is available to the application.
6.6.4
RAM
The SN250 integrates 5KB of SRAM. Like the Flash memory, this RAM is also mapped to
both the program and data-side address spaces. On the program side, the RAM is mapped
to the top 2.5k words of the program address space. The program-side mapping of the RAM
is used for code when writing to or erasing the Flash memory. On the data side, the RAM is
also mapped to the top of the address space, occupying the last 5KB, as shown in Figure 3
and Figure 4.
Additionally, the SN250 supports a protection mechanism to prevent application code from
overwriting system data stored in the RAM. To enable this, the RAM is segmented into 32-
byte sections, each with a configurable bit that allows or denies write access when the
SN250 is running in Application Mode. Read access is always allowed to the entire RAM,
and full access is always allowed when the SN250 is running in System Mode. The ZNet
stack intelligently manages this protection mechanism to assist in tracking down many
common application errors.
6.6.5
Registers
Table 40 provides a short description of all application-accessible registers within the
SN250. Complete descriptions are provided at the end of each applicable Functional
Description section. The registers are mapped to the data-side address space starting at
address 0x4000. These registers allow for the control and configuration of the various
peripherals and modules. The registers may only be accessed as whole word quantities;
attempts to access them as bytes may result in undefined behavior. There are additional
registers used by the ZNet stack when the SN250 is running in System Mode, allowing for
control of the MAC, baseband, and other internal modules. These system registers are
protected from being modified when the SN250 is running in Application Mode.
6.7
Encryption accelerator
The SN250 contains a hardware AES encryption engine that is attached to the CPU using a
memory-mapped interface. NIST-based CCM, CCM*, CBC-MAC, and CTR modes are
implemented in hardware. These modes are described in the IEEE 802.15.4-2003
specification, with the exception of CCM*, which is described in the ZigBee Security
Services Specification 1.0. The ZNet stack implements a security API for applications that
require security at the application level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com