Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN250 Datasheet(PDF) 47 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 43Page - STMicroelectronics SN250 Datasheet HTML 44Page - STMicroelectronics SN250 Datasheet HTML 45Page - STMicroelectronics SN250 Datasheet HTML 46Page - STMicroelectronics SN250 Datasheet HTML 47Page - STMicroelectronics SN250 Datasheet HTML 48Page - STMicroelectronics SN250 Datasheet HTML 49Page - STMicroelectronics SN250 Datasheet HTML 50Page - STMicroelectronics SN250 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 130 page
background image
SN250
Functional description—application modules
47/130
There are two schemes available to assert the RTS signal. The first scheme is to initiate
RTS assertion with software by setting the register bit SC1_UARTRTS in the SC1_UARTCFG
register. The second scheme is to assert RTS automatically depending on the fill state of the
receive FIFO. This is enabled with the register bit SC1_UARTAUTO in the SC1_UARTCFG
register.
The UART also contains overrun protection for both the FIFO and DMA options. If the
transmitting terminal continues to transmit characters to the receive FIFO, only 4 characters
are stored in the FIFO. Additional characters are dropped, and the register bit
SC1_UARTRXOVF
in the SC1_UARTSTAT register is set. Should this receive overrun occur
during DMA operation, the SC1_RXERRA/B registers mark the error-offset. The RX FIFO
hardware generates the INT_SCRXOVF interrupt, but the DMA register will not indicate the
error condition until the RX FIFO is drained. Once the DMA marks a RX error, there are two
conditions that will clear the error indication: setting the appropriate SC_TX/RXDMARST bit in
the SC1_DMACTRL register, or loading the appropriate DMA buffer after it has unloaded.
Interrupts are generated on the following events:
Transmit FIFO empty and last character shifted out (0 to 1 transition of
SC1_UARTTXIDLE
)
Transmit FIFO changed from full to not full (0 to 1 transition of SC1_UARTTXFREE)
Receive FIFO changed from empty to not empty (0 to 1 transition of SC1_UARTRXVAL)
Transmit DMA buffer A/B complete (1 to 0 transition of SC_TXACTA/B)
Receive DMA buffer A/B complete (1 to 0 transition of SC_RXACTA/B)
Character received with Parity error
Character received with Frame error
Received and lost character while receive FIFO was full (Receive overrun error)
To generate interrupts to the CPU, the interrupt masks in the INT_SC1CFG and INT_CFG
registers must be enabled.
7.2.2
SPI master mode
The SPI mode of the SC1 is master mode only. It has a fixed word length of 8 bits. The SC1
SPI controller is enabled with SC1_MODE set to 2 and register bit SC_SPIMST set in the
SC1_SPICFG
register.
The SPI mode has the following features:
Full duplex operation
Programmable clock frequency (12MHz max.)
Programmable clock polarity and clock phase
Selectable data shift direction (either LSB or MSB first)
The following signals can be made available on the GPIO pins:
MO (master out)
MI (master in)
MCLK (serial clock)
The SC1 SPI module obtains its reference clock from a programmable clock generator.
Clock rates are set by a clock division ratio from the 24MHz clock:
rate = 24MHz / ( 2
∗ (LIN + 1) ∗ 2EXP )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com