| Electronic Components Datasheet Search |
|
HC705MC4GRS/D Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 180 page ![]() General Description MC68HC705MC4 — Rev. 2.0 General Description 1.5.7 PD6/TCAP1/TCMP, PD7/TCAP2 These two I/O pins comprise port D and are shared with the 16-bit timer subsystem. PD7 is always an input. PD6 can be used as an input or output port if the TCAP1 interrupt is disabled and the TCAP1/TCMP bit is clear in the TCR. This is the state upon RESET. Writes to PD7 have no effect. They may be read at any time, regardless of the mode of operation of the 16-bit timer. Refer to Section 7. Input/Output Ports and Section 9. 16-Bit Timer. 1.5.8 IRQ/VPP This pin has two different choices of interrupt triggering sensitivity through the IRQ (maskable interrupt request) bit in the interrupt status and control register (ISCR). The choices are: 1. Edge-sensitive triggering only 2. Both edge-sensitive and level-sensitive triggering In addition, the IRQ pin may be selected to trigger an interrupt on either the rising or falling edge of the IRQ pin signal through the EDGE bit in the ISCR. The MCU completes the current instruction before it responds to the interrupt request. If the option is selected to include level-sensitive triggering, the IRQ input requires an external resistor to V DD for wire-OR operation. The IRQ pin contains an internal Schmitt trigger as part of its input to improve noise immunity. Refer to Section 4. Interrupts. This pin also is used to supply the MC68HC705MC4 EPROM array with the programming voltage. NOTE: If the voltage level applied to the IRQ pin exceeds VDD, it can affect the MCU’s mode of operation. See Section 6. Operating Modes. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |