| Electronic Components Datasheet Search |
|
HC705MC4GRS/D Datasheet(PDF) 100 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Datasheet(HTML) 100 Page - NXP Semiconductors |
|
100 / 180 page ![]() Pulse Width Modulator MC68HC705MC4 — Rev. 2.0 Pulse Width Modulator Mask Enable (MEx) When set, MEx enables the output mask feature of the PWMx subsystem. When enabled, all three pins of a channel will be used for subsystem output, that is the port registers will have no effect. All unselected pins (pins that have their corresponding CSx bit clear) will output the corresponding value of the MSKx bit. All selected pins (pins that have their corresponding CSx bit set) will output the PWM waveform. See Table 10-1. The mask feature allows the user to drive any of the PWM subsystem ports (PA1–PA6) to a logic 1 or logic 0 synchronous with the register interlock timing. All PWM outputs can therefore be modified simultaneously to either drive PWM, logic 1, or logic 0 signals. When MEx is clear, output mask feature is disabled and the port will function as a normal I/O port if the CSx bit is cleared. This feature allows some of the ports to be freed up for normal I/O when not used for PWM output. If the corresponding CSx bit is set, the selected channel will output the PWM waveform. Polarity (POLx) The polarity bit initializes the PWM output to a logic 1 or logic 0 at the start of each PWM cycle. See Figure 10-5 and Figure 10-6. 1 = Initialize output to one. Toggles to zero at data PWMx match. 0 = Initialize output to zero. Toggles to one at data PWMx match. Figure 10-5. PWM Waveforms (POLx = 1) 50 FF 80 PWM DATA REGISTER = $00 T PWM DATA REGISTER VALUE Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |