| Electronic Components Datasheet Search |
|
HC705MC4GRS/D Datasheet(PDF) 66 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Datasheet(HTML) 66 Page - NXP Semiconductors |
|
66 / 180 page ![]() Input/Output Ports MC68HC705MC4 — Rev. 2.0 Input/Output Ports 7.5 Port B Port B is a 4-bit bidirectional port that can share pins PB4–PB5 with the SCI subsystem. Port B data register is located at address $0001 and its data direction register (DDR) is located at address $0005. Reset does not affect the data registers, but clears the DDRs, thereby setting all of the port pins to input mode. Writing a 1 to a DDR bit sets the corresponding port pin to output mode. (See Figure 7-3.) PB7 features a larger n-channel output device and can, therefore, sink more current than a standard port. (Refer to Section 14. Electrical Specifications.) PB4–PB5 may be used for general I/O applications when the SCI subsystem is disabled. When the serial communications interface (SCI) subsystem is enabled, port B registers are still accessible to software. Writing to either of the port B registers could corrupt the SCI data. See Section 11. Serial Communications Interface for a discussion of the SCI subsystem. PB6–PB7 remain as I/O pins when the SCI subsystem is enabled. Figure 7-3. Port B I/O Circuitry READ $0001 WRITE $0001 READ $0005 DATA REGISTER BIT I/O PIN OUTPUT INTERNAL HC05 DATA BUS RESET (RST) WRITE $0005 DATA DIRECTION REGISTER BIT Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |