| Electronic Components Datasheet Search |
|
HC705MC4GRS/D Datasheet(PDF) 69 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Datasheet(HTML) 69 Page - NXP Semiconductors |
|
69 / 180 page ![]() Input/Output Ports I/O Port Programming General Release Specification Input/Output Ports 7.8 I/O Port Programming Each pin on ports A–C may be programmed as an input or an output under software control as shown in Table 7-1, Table 7-2, and Table 7-3. Port D6 may be programmed as an input or an output and port D7 may be used as an input only as shown in Table 7-4. The direction of a pin is determined by the state of its corresponding bit in the associated port data direction register (DDR). A pin is configured as an output if its corresponding DDR bit is set to a logic 1. A pin is configured as an input if its corresponding DDR bit is cleared to a logic 0. At power-on or reset, all DDRs are cleared, which configures all port pins as inputs. The DDRs are capable of being written to or read by the processor. During the programmed output state, a read of the data register will actually read the value of the output data latch and not the level on the I/O port pin. Table 7-1. Port A I/O Functions DDRA I/O Pin Mode Accesses to DDRA @ $0004 Accesses to Data Register @ $0000 Read/Write Read Write 0 IN, Hi-Z DDRA0–DDRA7 PA0–PA7 * 1 OUT DDRA0–DDRA7 PA0–PA7 PA0–PA7 * Does not affect input, but stored to data register Table 7-2. Port B I/O Functions DDRB I/O Pin Mode Accesses to DDRA @ $0005 Accesses to Data Register @ $0001 Read/Write Read Write 0 IN, Hi-Z DDRB4–DDRB7 PB4–PB7 * 1 OUT DDRB4–DDRB7 PB4–PB7 PB4–PB7 * Does not affect input, but stored to data register Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |