| Electronic Components Datasheet Search |
|
HC705MC4GRS/D Datasheet(PDF) 62 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Datasheet(HTML) 62 Page - NXP Semiconductors |
|
62 / 180 page ![]() Operating Modes MC68HC705MC4 — Rev. 2.0 Operating Modes 6.6 WAIT Instruction The WAIT instruction places the MCU in a low-power mode. In wait mode, the bus clock is halted, suspending all processor and internal bus activity but the timer. COP, ADC, PWM, and SCI subsystems remain active. To save more power, the user may optionally disable each individual subsystem through software before entering wait mode. Execution of the WAIT instruction automatically clears the I bit in the condition code register, enabling the IRQ external interrupt. All other registers, memory, and input/output lines remain in their previous state unless modified by an active peripheral. If the 16-bit timer interrupt is enabled, it will cause the processor to exit wait mode and resume normal operation. The 16-bit timer may be used to generate a periodic exit from wait mode. The wait mode may also be exited when an IRQ external interrupt, SCI interrupt, or RESET occurs. 6.7 COP Watchdog Timer Considerations The COP watchdog timer is active in single-chip mode when selected by mask option. The COP watchdog timer should be disabled for applications that will use the wait mode with time periods that will exceed the COP timeout period. COP watchdog timer interactions are summarized in Table 6-3. Table 6-3. COP Watchdog Timer Recommendations IF the following conditions exist during WAIT period: THEN the COP watchdog timer should be: WAIT period less than COP time-out Enable or disable COP via Mask Option WAIT period more than COP time-out Disable COP via Mask Option any length WAIT period Disable COP via Mask Option Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |