| Electronic Components Datasheet Search |
|
HC705MC4GRS/D Datasheet(PDF) 46 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705MC4GRS/D Datasheet(HTML) 46 Page - NXP Semiconductors |
|
46 / 180 page ![]() Interrupts MC68HC705MC4 — Rev. 2.0 Interrupts 4.5.2 Timer Interrupts The following paragraphs describe the timer interrupts. 4.5.2.1 Input Capture Interrupts The input capture interrupts are generated by the 16-bit timer as described in Section 9. 16-Bit Timer. The input capture interrupt flags are located in the timer status register (TSR) and the corresponding enable bits can be found in the timer control register (TCR). The interrupt service routine addresses are specified by the contents of memory locations $0FF8 and $0FF9 for input capture 2 and by the contents of memory locations $0FF6 and $0FF7 for input capture 1. 4.5.2.2 Output Compare Interrupt The output compare interrupt is generated by the 16-bit timer, as described in Section 9. 16-Bit Timer. The output compare interrupt flag is located in register TSR and its corresponding enable bit can be found in register TCR. The interrupt service routine address is specified by the contents of memory locations $0FF4 and $0FF5. NOTE: The output compare interrupt is not available when the TCMP/TCAP1 timer channel is configured for input capture. See 9.4 Output Compare. 4.5.2.3 Timer Overflow Interrupt The timer overflow interrupt is generated by the 16-bit timer as described in Section 9. 16-Bit Timer. The timer overflow interrupt flag is located in register TSR and its corresponding enable bit can be found in register TCR. The I bit in the CCR must be clear for the timer overflow interrupt to be enabled. This internal interrupt will vector to the interrupt service routine located at the address specified by the contents of memory locations $0FF4 and $0FF5. The timer overflow and the output compare function share the same interrupt vector, thus requiring the user to poll interrupt request flags. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |