Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705MC4GRS/D Datasheet(PDF) 114 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 114 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 111Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 114Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 115Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 116Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 117Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 118Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 180 page
background image
Pulse Width Modulator
MC68HC705MC4 — Rev. 2.0
Pulse Width Modulator
Example 2
A write to PWMB-D ($12) will not invoke the data/control interlock.
However, if RA = RB, the write to either PWMB data register will
require a write to either PWMA data register to satisfy the channel
A/channel B interlock. Note that if a write was made to the PWMA
interlock data register, the channel A/channel B interlock would still be
satisfied but the data/control interlock will now be invoked for channel
A. A write to CTL-A control register is now necessary to satisfy the
channel A data/control interlock. Assuming UPDATE A and
UPDATE B are clear in the UPDATE register, the new contents of all
these registers will be transferred into their respective active registers
at the end of the current PWM cycle during which all invoked interlock
mechanisms become satisfied.
10.7.3 Operation with Different PWM Rates
If RA does not equal RB, channel A and channel B are assumed to be
operating independently of each other and are not interlocked. New data
values written to either PWM channel will occur as discussed in 10.7.1
Interlock Operation.
Interlocking between the channels only applies when both channels
have the same period (RA = RB). The RATE register is not interlocked
with any other registers but it is buffered. Changes to this register will
affect the PWM cycle subsequent to the write. Consequently, changing
the PWM period while generating a PWM signal will not cause erroneous
PWM operation (for example, glitches). Note that the RATE register is
treated as two separate 4-bit registers, each buffered with the
corresponding PWM channel cycle.
NOTE:
Changing the channels from having different periods to having the same
period may cause a phase difference between the channels due to
accumulated clock period difference. If synchronization is needed
between channel A and channel B, a PRESET cycle must be executed
to provide correct operation of the channel A/B interlock mechanism.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com