Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 11Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 12Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 13Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 14Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 15Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 16Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 17Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 18Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 332 page
background image
Revision History
xv
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Revision History
Date
Rev Description
June 1999
A
Initial published release.
Jan 2000
B
Replaced Figure 4, “AMD-K6™-2E Processor Decode Logic,” on page 15 with updated figure.
Jan 2000
B
Replaced Table 45 on page 233 with revised boundary scan bit definitions.
Jan 2000
B
Changed the Vcc2 maximum specification from 2.6 V to 2.4 V in Table 50, “Absolute Ratings,” on
page 255 for all OPNs with the exception of the 233AFR, 233AMZ, 266AFR, 266AMZ, and 300 AFR,
provided that the processor is not marked with a “7” following the date code.
Jan 2000
B
For the 300AMZ, 333AMZ, and 350AMZ ordering part numbers, added DC characteristics to
Table 51 on page 256, added power dissipation specifications to Table 52 on page 258, added
package thermal specifications to Table 66 on page 285, and added ordering information
beginning on page 305.
Jan 2000
B
For the 333AFR, 350AFR, and 400AFR ordering part numbers, added DC characteristics to Table 51
on page 256, added power dissipation specifications to Table 53 on page 259, added package
thermal specifications to Table 67 on page 285, and added ordering information beginning on
page 305.
Jan 2000
B
Added power derating specifications beginning on page 260.
Jan 2000
B
Added sample measured heat sink data beginning on page 289.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com