Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 38Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 39Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 40Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 41Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 42Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 43Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 44Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 45Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 332 page
background image
24
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
General-Purpose
Registers
The eight 32-bit x86 general-purpose registers are used to hold
integer data or memory pointers used by instructions. Table 2
contains a list of the general-purpose registers and the
functions for which they are used.
To support byte and word operations, EAX, EBX, ECX, and
EDX can also be used as 8-bit and 16-bit registers. The shorter
registers are overlaid on the longer ones. For example, the
name of the 16-bit version of EAX is AX (low 16 bits of EAX)
and the 8-bit names for AX are AH (high order bits) and AL (low
order bits). The same naming convention applies to EBX, ECX,
and EDX.
EDI, ESI, ESP, and EBP can be used as smaller 16-bit registers
called DI, SI, SP, and BP respectively, but these registers do not
have 8-bit versions. Figure 7 shows the EAX register with its
name components, and Table 3 on page 25 lists the doubleword
(32-bit) general-purpose registers and their corresponding word
(16-bit) and byte (8-bit) versions.
Figure 7. EAX Register with 16-Bit and 8-Bit Name Components
Table 2. General-Purpose Registers
Register Function
EAX
Commonly used as an accumulator
EBX
Commonly used as a pointer
ECX
Commonly used for counting in loop operations
EDX
Commonly used to hold I/O information and to pass parameters
EDI
Commonly used as a destination pointer by the ES segment
ESI
Commonly used as a source pointer by the DS segment
ESP
Used to point to the stack segment
EBP
Used to point to data within the stack segment
87
0
15
16
31
EAX
AX
AH
AL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com