Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 66 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 66 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 62Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 63Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 64Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 65Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 66Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 67Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 68Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 69Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 70Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 332 page
background image
48
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Task State Segment
Figure 41 shows the format of the task state segment (TSS).
Figure 41. Task State Segment (TSS)
31
Interrupt Redirection Bitmap (IRB)
(eight 32-bit locations)
0
I/O Permission Bitmap (IOPB)
(up to 8 Kbytes)
Operating System
Data Structure
Base Address of IOPB
LDT Selector
0000h
0000h
0000h
0000h
0000h
0000h
0000h
GS
FS
DS
SS
CS
ES
EDI
ESI
EBP
ESP
EBX
EDX
ECX
EAX
CR3
EFLAGS
EIP
0000h
0000h
0000h
0000h
SS2
SS1
SS0
Link (Prior TSS Selector)
ESP0
ESP1
ESP2
TSS Limit
from TR
64h
0
T
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com