Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 14Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 15Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 16Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 17Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 18Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 19Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 20Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 21Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 332 page
background image
xviii
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
execution unit, the multimedia and 3DNow!™ technology execution units, and the
floating-point and MMX/3DNow! technology instruction compatibility.
Chapter 11, “System Management Mode (SMM)” on page 217, describes SMM, the
state-save area, entry into and exit from SMM, exceptions and interrupts in SMM,
memory allocation and addressing in SMM, and the SMI# and SMIACT# signals.
Chapter 12, “Test and Debug” on page 227, describes the various test and debug modes
that enable the functional and manufacturing testing of systems and boards that use
the AMD-K6-2E processor and that allow designers to debug the instruction execution
of software components.
Chapter 13, “Clock Control” on page 247, describes the five modes of clock control
supported by the AMD-K6-2E processor.
Chapter 14, “Electrical Data” on page 253, includes operating ranges, absolute
ratings, DC characteristics, power dissipation data, power and grounding information,
decoupling recommendations, and I/O buffer characteristics.
Chapter 15, “Signal Switching Characteristics” on page 267, provides tables listing
valid delay, float, setup, and hold timing specifications for the AMD-K6-2E processor
signals.
Chapter 16, “Thermal Design” on page 285, lists the package thermal specifications,
discusses how to measure case temperature, and provides sample heat sink
measurement data, along with layout and airflow considerations.
Chapter 17, “Pin Designation Diagrams” on page 299, lists the AMD-K6-2E processor’s
pin designations by functional grouping.
Chapter 18, “Package Specifications” on page 303, provides a table and diagram
containing the 321-pin CPGA package specifications.
Chapter 19, “Ordering Information” on page 305, provides the ordering part number
(OPN) and valid OPN combinations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com