Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 27Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 28Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 29Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 30Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 31Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 32Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 33Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 34Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 332 page
background image
Chapter 2
Internal Architecture
13
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
burst read cycles occurring back-to-back or, if allowed, as
pipelined cycles.
The 3DNow! technology includes a new instruction named
PREFETCH that allows a cache line to be prefetched into the
data cache. The PREFETCH instruction format is defined in
Table 15, “3DNow!™ Instructions,” on page 81. For more
detailed information, see the 3DNow!™ Technology Manual,
order #21928.
Predecode Bits
Decoding x86 instructions is particularly difficult because the
instructions are variable in length (1 to 15 bytes). Predecode
logic supplies the five predecode bits associated with each
instruction byte. The predecode bits indicate the number of
bytes to the start of the next x86 instruction. The predecode
bits are stored in an extended instruction cache alongside each
x86 instruction byte, as shown in Figure 2 on page 12. The
predecode bits are passed with the instruction bytes to the
decoders where they assist with parallel x86 instruction
decoding.
2.3
Instruction Fetch and Decode
Instruction Fetch
The processor can fetch up to 16 bytes per clock out of the
instruction cache or branch ta rg et cache. The fetche d
information is placed into a 16-byte instruction buffer that
feeds directly into the decoders (see Figure 3 on page 14).
Fetching can occur along a single execution stream with up to
seven outstanding branches taken.
The instruction fetch logic is capable of retrieving any 16
contiguous bytes of information within a 32-byte boundary.
There is no additional penalty when the 16 bytes of instructions
lie across a cache line boundary. The instruction bytes are
loaded into the instruction buffer as they are consumed by the
decoders.
Although instructions can be consumed with byte granularity,
the instruction buffer is managed on a memory-aligned word
(two bytes) organization. Therefore, instructions are loaded and
replaced with word granularity. When a control transfer
occurs — such as a JMP instruction — the entire instruction
buffer is flushed and reloaded with a new set of 16 instruction
bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com