Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 91 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 91 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 87Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 88Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 89Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 90Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 91Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 92Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 93Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 94Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 95Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 332 page
background image
Chapter 3
Software Environment
73
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
SUB mem16/32, imm16/32
81h
mm-101-xxx
long
load, alu, store
SUB mreg16/32, imm8 (signed ext.)
83h
11-101-xxx
short
alux
SUB mem16/32, imm8 (signed ext.)
83h
mm-101-xxx
long
load, alux, store
SYSCALL
0Fh
05h
vector
SYSRET
0Fh
07h
vector
TEST mreg8, reg8
84h
11-xxx-xxx
short
alux
TEST mem8, reg8
84h
mm-xxx-xxx
vector
TEST mreg16/32, reg16/32
85h
11-xxx-xxx
short
alu
TEST mem16/32, reg16/32
85h
mm-xxx-xxx
vector
TEST AL, imm8
A8h
long
alux
TEST EAX, imm16/32
A9h
long
alu
TEST mreg8, imm8
F6h
11-000-xxx
long
alux
TEST mem8, imm8
F6h
mm-000-xxx
long
load, alux
TEST mreg16/32, imm16/32
F7h
11-000-xxx
long
alu
TEST mem16/32, imm16/32
F7h
mm-000-xxx
long
load, alu
VERR mreg16
0Fh
00h
11-100-xxx
vector
VERR mem16
0Fh
00h
mm-100-xxx
vector
VERW mreg16
0Fh
00h
11-101-xxx
vector
VERW mem16
0Fh
00h
mm-101-xxx
vector
WAIT
9Bh
vector
WBINVD
0Fh
09h
vector
XADD mreg8, reg8
0Fh
C0h
11-100-xxx
vector
XADD mem8, reg8
0Fh
C0h
mm-100-xxx
vector
XADD mreg16/32, reg16/32
0Fh
C1h
11-101-xxx
vector
XADD mem16/32, reg16/32
0Fh
C1h
mm-101-xxx
vector
XCHG reg8, mreg8
86h
11-xxx-xxx
vector
XCHG reg8, mem8
86h
mm-xxx-xxx
vector
XCHG reg16/32, mreg16/32
87h
11-xxx-xxx
vector
XCHG reg16/32, mem16/32
87h
mm-xxx-xxx
vector
XCHG EAX, EAX
90h
short
limm
XCHG EAX, ECX
91h
long
alu, alu, alu
XCHG EAX, EDX
92h
long
alu, alu, alu
XCHG EAX, EBX
93h
long
alu, alu, alu
XCHG EAX, ESP
94h
long
alu, alu, alu
XCHG EAX, EBP
95h
long
alu, alu, alu
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com