Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 86Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 87Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 88Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 89Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 90Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 91Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 92Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 93Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 332 page
background image
72
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
SHR mreg16/32, CL
D3h
11-101-xxx
short
alu
SHR mem16/32, CL
D3h
mm-101-xxx
vector
SHLD mreg16/32, reg16/32, imm8
0Fh
A4h
11-xxx-xxx
vector
SHLD mem16/32, reg16/32, imm8
0Fh
A4h
mm-xxx-xxx
vector
SHLD mreg16/32, reg16/32, CL
0Fh
A5h
11-xxx-xxx
vector
SHLD mem16/32, reg16/32, CL
0Fh
A5h
mm-xxx-xxx
vector
SHRD mreg16/32, reg16/32, imm8
0Fh
ACh
11-xxx-xxx
vector
SHRD mem16/32, reg16/32, imm8
0Fh
ACh
mm-xxx-xxx
vector
SHRD mreg16/32, reg16/32, CL
0Fh
ADh
11-xxx-xxx
vector
SHRD mem16/32, reg16/32, CL
0Fh
ADh
mm-xxx-xxx
vector
SLDT mreg16
0Fh
00h
11-000-xxx
vector
SLDT mem16
0Fh
00h
mm-000-xxx
vector
SMSW mreg16
0Fh
01h
11-100-xxx
vector
SMSW mem16
0Fh
01h
mm-100-xxx
vector
STC
F9h
vector
STD
FDh
vector
STI
FBh
vector
STOSB mem8, AL
AAh
long
store, alux
STOSW mem16, AX
ABh
long
store, alux
STOSD mem32, EAX
ABh
long
store, alux
STR mreg16
0Fh
00h
11-001-xxx
vector
STR mem16
0Fh
00h
mm-001-xxx
vector
SUB mreg8, reg8
28h
11-xxx-xxx
short
alux
SUB mem8, reg8
28h
mm-xxx-xxx
long
load, alux, store
SUB mreg16/32, reg16/32
29h
11-xxx-xxx
short
alu
SUB mem16/32, reg16/32
29h
mm-xxx-xxx
long
load, alu, store
SUB reg8, mreg8
2Ah
11-xxx-xxx
short
alux
SUB reg8, mem8
2Ah
mm-xxx-xxx
short
load, alux
SUB reg16/32, mreg16/32
2Bh
11-xxx-xxx
short
alu
SUB reg16/32, mem16/32
2Bh
mm-xxx-xxx
short
load, alu
SUB AL, imm8
2Ch
short
alux
SUB EAX, imm16/32
2Dh
short
alu
SUB mreg8, imm8
80h
11-101-xxx
short
alux
SUB mem8, imm8
80h
mm-101-xxx
long
load, alux, store
SUB mreg16/32, imm16/32
81h
11-101-xxx
short
alu
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com