Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 73 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 73 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 69Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 70Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 71Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 72Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 73Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 74Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 75Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 76Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 77Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 332 page
background image
Chapter 3
Software Environment
55
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Figure 49. Gate Descriptor
3.6
Exceptions and Interrupts
Table 11 summarizes the exceptions and interrupts.
DPL
0
Type
Offset 31–16
P
Segment Selector
Offset 15–0
9876
543
210
10
11
12
13
14
15
16
17
18
19
20
21
31 30 29 28 27 26 25 24 23 22
Reserved
Symbol
Description
Bits
P
Present/Valid Bit
15
DPL
Descriptor Privilege Level
14-13
DT
Descriptor Type
12
Type
See Table 10
11-8
Table 11. Summary of Exceptions and Interrupts
Interrupt
Number
Interrupt Type
Cause
0
Divide by Zero Error
DIV, IDIV
1
Debug
Debug trap or fault
2
Non-Maskable Interrupt
NMI signal sampled asserted
3
Breakpoint
Int 3
4
Overflow
INTO
5
Bounds Check
BOUND
6
Invalid Opcode
Invalid instruction
7
Device Not Available
ESC and WAIT
8
Double Fault
Fault occurs while handling a fault
9
Reserved - Interrupt 13
—
10
Invalid TSS
Task switch to an invalid segment
11
Segment Not Present
Instruction loads a segment and present bit is 0 (invalid segment)
12
Stack Segment
Stack operation causes limit violation or present bit is 0
13
General Protection
Segment related or miscellaneous invalid actions
14
Page Fault
Page protection violation or a reference to missing page
16
Floating-Point Error
Arithmetic error generated by floating-point instruction
17
Alignment Check
Data reference to an unaligned operand. (The AC flag and the AM bit of CR0 are set to 1.)
0–255
Software Interrupt
INT n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com