Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 73Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 74Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 75Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 76Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 77Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 78Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 79Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 80Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 332 page
background image
Chapter 3
Software Environment
59
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
AND EAX, imm16/32
25h
short
alu
AND mreg8, imm8
80h
11-100-xxx
short
alux
AND mem8, imm8
80h
mm-100-xxx
long
load, alux, store
AND mreg16/32, imm16/32
81h
11-100-xxx
short
alu
AND mem16/32, imm16/32
81h
mm-100-xxx
long
load, alu, store
AND mreg16/32, imm8 (signed ext.)
83h
11-100-xxx
short
alux
AND mem16/32, imm8 (signed ext.)
83h
mm-100-xxx
long
load, alux, store
ARPL mreg16, reg16
63h
11-xxx-xxx
vector
ARPL mem16, reg16
63h
mm-xxx-xxx
vector
BOUND
62h
vector
BSF reg16/32, mreg16/32
0Fh
BCh
11-xxx-xxx
vector
BSF reg16/32, mem16/32
0Fh
BCh
mm-xxx-xxx
vector
BSR reg16/32, mreg16/32
0Fh
BDh
11-xxx-xxx
vector
BSR reg16/32, mem16/32
0Fh
BDh
mm-xxx-xxx
vector
BSWAP EAX
0Fh
C8h
long
alu
BSWAP ECX
0Fh
C9h
long
alu
BSWAP EDX
0Fh
CAh
long
alu
BSWAP EBX
0Fh
CBh
long
alu
BSWAP ESP
0Fh
CCh
long
alu
BSWAP EBP
0Fh
CDh
long
alu
BSWAP ESI
0Fh
CEh
long
alu
BSWAP EDI
0Fh
CFh
long
alu
BT mreg16/32, reg16/32
0Fh
A3h
11-xxx-xxx
vector
BT mem16/32, reg16/32
0Fh
A3h
mm-xxx-xxx
vector
BT mreg16/32, imm8
0Fh
BAh
11-100-xxx
vector
BT mem16/32, imm8
0Fh
BAh
mm-100-xxx
vector
BTC mreg16/32, reg16/32
0Fh
BBh
11-xxx-xxx
vector
BTC mem16/32, reg16/32
0Fh
BBh
mm-xxx-xxx
vector
BTC mreg16/32, imm8
0Fh
BAh
11-111-xxx
vector
BTC mem16/32, imm8
0Fh
BAh
mm-111-xxx
vector
BTR mreg16/32, reg16/32
0Fh
B3h
11-xxx-xxx
vector
BTR mem16/32, reg16/32
0Fh
B3h
mm-xxx-xxx
vector
BTR mreg16/32, imm8
0Fh
BAh
11-110-xxx
vector
BTR mem16/32, imm8
0Fh
BAh
mm-110-xxx
vector
BTS mreg16/32, reg16/32
0Fh
ABh
11-xxx-xxx
vector
Table 12. Integer Instructions (continued)
Instruction Mnemonic
First
Byte
Second
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com