Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 100 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 100 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 96Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 97Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 98Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 99Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 100Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 101Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 102Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 103Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 104Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 332 page
background image
82
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
PFCMPGE mmreg1, mmreg2
0Fh, 0Fh
90h
11-xxx-xxx
short
meu
PFCMPGE mmreg, mem64
0Fh, 0Fh
90h
mm-xxx-xxx
short
mload, meu
PFCMPGT mmreg1, mmreg2
0Fh, 0Fh
A0h
11-xxx-xxx
short
meu
PFCMPGT mmreg, mem64
0Fh, 0Fh
A0h
mm-xxx-xxx
short
mload, meu
PFMAX mmreg1, mmreg2
0Fh, 0Fh
A4h
11-xxx-xxx
short
meu
PFMAX mmreg, mem64
0Fh, 0Fh
A4h
mm-xxx-xxx
short
mload, meu
PFMIN mmreg1, mmreg2
0Fh, 0Fh
94h
11-xxx-xxx
short
meu
PFMIN mmreg, mem64
0Fh, 0Fh
94h
mm-xxx-xxx
short
mload, meu
PFMUL mmreg1, mmreg2
0Fh, 0Fh
B4h
11-xxx-xxx
short
meu
PFMUL mmreg, mem64
0Fh, 0Fh
B4h
mm-xxx-xxx
short
mload, meu
PFRCP mmreg1, mmreg2
0Fh, 0Fh
96h
11-xxx-xxx
short
meu
PFRCP mmreg, mem64
0Fh, 0Fh
96h
mm-xxx-xxx
short
mload, meu
PFRCPIT1 mmreg1, mmreg2
0Fh, 0Fh
A6h
11-xxx-xxx
short
meu
PFRCPIT1 mmreg, mem64
0Fh, 0Fh
A6h
mm-xxx-xxx
short
mload, meu
PFRCPIT2 mmreg1, mmreg2
0Fh, 0Fh
B6h
11-xxx-xxx
short
meu
PFRCPIT2 mmreg, mem64
0Fh, 0Fh
B6h
mm-xxx-xxx
short
mload, meu
PFRSQIT1 mmreg1, mmreg2
0Fh, 0Fh
A7h
11-xxx-xxx
short
meu
PFRSQIT1 mmreg, mem64
0Fh, 0Fh
A7h
mm-xxx-xxx
short
mload, meu
PFRSQRT mmreg1, mmreg2
0Fh, 0Fh
97h
11-xxx-xxx
short
meu
PFRSQRT mmreg, mem64
0Fh, 0Fh
97h
mm-xxx-xxx
short
mload, meu
PFSUB mmreg1, mmreg2
0Fh, 0Fh
9Ah
11-xxx-xxx
short
meu
PFSUB mmreg, mem64
0Fh, 0Fh
9Ah
mm-xxx-xxx
short
mload, meu
PFSUBR mmreg1, mmreg2
0Fh, 0Fh
AAh
11-xxx-xxx
short
meu
PFSUBR mmreg, mem64
0Fh, 0Fh
AAh
mm-xxx-xxx
short
mload, meu
PI2FD mmreg1, mmreg2
0Fh, 0Fh
0Dh
11-xxx-xxx
short
meu
PI2FD mmreg, mem64
0Fh, 0Fh
0Dh
mm-xxx-xxx
short
mload, meu
PMULHRW mmreg1, mmreg2
0Fh, 0Fh
B7h
11-xxx-xxx
short
meu
PMULHRW mmreg1, mem64
0Fh, 0Fh
B7h
mm-xxx-xxx
short
mload, meu
PREFETCH mem81
0Fh
0Dh
mm-000-xxx
vector
load
PREFETCHW mem81,2
0Fh
0Dh
mm-001-xxx
vector
load
Notes:
1. For PREFETCH and PREFETCHW, the mem8 value refers to a byte address within the 32-byte line that will be prefetched.
2. PREFETCHW will be implemented in a future K86 processor. On the AMD-K6-2E processor, this instruction performs in the same
manner as the PREFETCH instruction.
Table 15. 3DNow!™ Instructions (continued)
Instruction Mnemonic
Prefix
Byte(s)
Opcode
Byte
ModR/M
Byte
Decode
Type
RISC86
Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com