Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 158 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 158 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 154Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 155Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 156Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 157Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 158Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 159Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 160Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 161Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 162Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 332 page
background image
140
Bus Cycles
Chapter 6
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Misaligned
Single-Transfer
Memory Read and
Write
Figure 53 on page 141 shows a misaligned (split) memory read
followed by a misaligned memory write. Any cycle that is not
aligned as defined in “SCYC (Split Cycle)” on page 120 is
considered misaligned. When the processor encounters a
misaligned access, it determines the appropriate pair of bus
cycles — each with its own ADS# and BRDY# — required to
complete the access.
The AMD-K6-2E processor performs misaligned memory reads
and memory writes using least-significant bytes (LSBs) first
followed by most-significant bytes (MSBs). Table 24 shows the
order. In the first memory read cycle in Figure 53, the processor
reads the least-significant bytes. Immediately after the
processor samples BRDY# asserted, it drives the second bus
cycle to read the most-significant bytes to complete the
misaligned transfer.
Similarly, the misaligned memory write cycle in Figure 53
transfers the LSBs to the memory bus first. In the next cycle,
after the processor samples BRDY# asserted, the MSBs are
written to the memory bus.
Table 24. Bus-Cycle Order During Misaligned Memory Transfers
Type of Access
First Cycle
Second Cycle
Memory Read
LSBs
MSBs
Memory Write
LSBs
MSBs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com