Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM8L052R8
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM8L052R8 Datasheet HTML 47Page - STMicroelectronics STM8L052R8 Datasheet HTML 48Page - STMicroelectronics STM8L052R8 Datasheet HTML 49Page - STMicroelectronics STM8L052R8 Datasheet HTML 50Page - STMicroelectronics STM8L052R8 Datasheet HTML 51Page - STMicroelectronics STM8L052R8 Datasheet HTML 52Page - STMicroelectronics STM8L052R8 Datasheet HTML 53Page - STMicroelectronics STM8L052R8 Datasheet HTML 54Page - STMicroelectronics STM8L052R8 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 109 page
background image
STM8L052R8
Interrupt vector mapping
Doc ID023337 Rev 2
51/109
21
TIM3/USART3
TIM3 update/overflow/
trigger/break USART3
transmission
complete/transmit data
register empty
interrupt
--
Yes
Yes(5)
0x00 805C
22
TIM3/USART3
TIM3
capture/compareUSART3
Receive register
data full/overrun/idle line
detected/parity error/
interrupt
--
Yes
Yes(5)
0x00 8060
23
TIM1
Update /overflow/trigger/
COM
--
-
Yes(5)
0x00 8064
24
TIM1
Capture/compare
-
-
-
Yes(5)
0x00 8068
25
TIM4
TIM4 update/overflow/
trigger
--
Yes
Yes(5)
0x00 806C
26
SPI1
End of Transfer
Yes
Yes
Yes
Yes(5)
0x00 8070
27
USART1/TIM5
USART1 transmission
complete/transmit data
register empty/
TIM5 update/overflow/
trigger/break
--
Yes
Yes(5)
0x00 8074
28
USART1/TIM5
USART1 received data
ready/overrun error/
idle line detected/parity
error/TIM5
capture/compare
--
Yes
Yes(5)
0x00 8078
29
I2C1/SPI2
I2C1 interrupt(4)/SPI2
Yes
Yes
Yes
Yes(5)
0x00 807C
1.
The Low power wait mode is entered when executing a WFE instruction in Low power run mode.
2.
The TLI interrupt is the logic OR between TIM2 overflow interrupt, and TIM4 overflow interrupts.
3.
The interrupt from PVD is logically OR-ed with Port E and F interrupts. Register EXTI_CONF allows to select between Port
E and Port F interrupt (see External interrupt port select register (EXTI_CONF) in the RM0031).
4.
The device is woken up from Halt or Active-halt mode only when the address received matches the interface address.
5.
In WFE mode, this interrupt is served if it has been previously enabled. After processing the interrupt, the processor goes
back to WFE mode. When this interrupt is configured as a wakeup event, the CPU wakes up and resumes processing.
Table 9.
Interrupt mapping (continued)
IRQ
No.
Source
block
Description
Wakeup
from Halt
mode
Wakeup
from
Active-
halt mode
Wakeup
from Wait
(WFI
mode)
Wakeup
from Wait
(WFE
mode)(1)
Vector
address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com