Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM8L052R8
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM8L052R8 Datasheet HTML 79Page - STMicroelectronics STM8L052R8 Datasheet HTML 80Page - STMicroelectronics STM8L052R8 Datasheet HTML 81Page - STMicroelectronics STM8L052R8 Datasheet HTML 82Page - STMicroelectronics STM8L052R8 Datasheet HTML 83Page - STMicroelectronics STM8L052R8 Datasheet HTML 84Page - STMicroelectronics STM8L052R8 Datasheet HTML 85Page - STMicroelectronics STM8L052R8 Datasheet HTML 86Page - STMicroelectronics STM8L052R8 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
STM8L052R8
Electrical parameters
Doc ID023337 Rev 2
83/109
Figure 20.
Typical VIL and VIH vs. VDD (standard I/Os)
Figure 21. Typical VIL and VIH vs. VDD (true open drain I/Os)
Figure 22. Typical pull-up resistance RPU vs. VDD with VIN=VSS
0
0.5
1
1.5
2
2.5
3
1.8
2.1
2.6
3.1
3.6
VDD [V]
-40°C
25°C
85°C
ai18220V3
0
0.5
1
1.5
2
2.5
3
1.8
2.1
2.6
3.1
3.6
VDD [V]
-40°C
25°C
85°C
ai18221V2
30
35
40
45
50
55
60
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VDD [V]
-40°C
25°C
85°C
ai18222V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com