Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM8L052R8
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM8L052R8 Datasheet HTML 59Page - STMicroelectronics STM8L052R8 Datasheet HTML 60Page - STMicroelectronics STM8L052R8 Datasheet HTML 61Page - STMicroelectronics STM8L052R8 Datasheet HTML 62Page - STMicroelectronics STM8L052R8 Datasheet HTML 63Page - STMicroelectronics STM8L052R8 Datasheet HTML 64Page - STMicroelectronics STM8L052R8 Datasheet HTML 65Page - STMicroelectronics STM8L052R8 Datasheet HTML 66Page - STMicroelectronics STM8L052R8 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
STM8L052R8
Electrical parameters
Doc ID023337 Rev 2
63/109
IDD(RUN)
Supply
current
in Run
mode
All peripherals
OFF, code
executed from
Flash,
VDD from 1.8 V
to 3.6 V
HSI RC
osc.(6)
fCPU = 125 kHz
0.35
0.46
0.48
mA
fCPU = 1 MHz
0.54
0.65
0.67
fCPU = 4 MHz
1.16
1.27
1.29
fCPU = 8 MHz
1.97
2.08
2.1
fCPU = 16 MHz
3.54
3.65
3.67
HSE external
clock
(fCPU=fHSE)
(5)
fCPU = 125 kHz
0.35
0.44
0.46
fCPU = 1 MHz
0.53
0.62
0.64
fCPU = 4 MHz
1.13
1.22
1.24
fCPU = 8 MHz
22.09
2.11
fCPU = 16 MHz
3.69
3.78
3.8
LSI RC osc.
fCPU = fLSI
0.110
0.123
0.130
LSE external
clock
(32.768 kHz)(7)
fCPU = fLSE
0.100
0.101
0.104
1.
All peripherals OFF, VDD from 1.8 V to 3.6 V, HSI internal RC osc., fCPU=fSYSCLK
2.
CPU executing typical data processing
3.
The run from RAM consumption can be approximated with the linear formula:
IDD(run_from_RAM) = Freq. * 95 µA/MHz + 250 µA
4.
Tested in production.
5.
Oscillator bypassed (HSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the HSE consumption
(IDD HSE) must be added. Refer to Table 28.
6.
The run from Flash consumption can be approximated with the linear formula:
IDD(run_from_Flash) = Freq. * 200 µA/MHz + 330 µA
7.
Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 29
Table 17.
Total current consumption in Run mode (continued)
Symbol
Parameter
Conditions(1)
Typ.
Max.
Unit
55°C
85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com