Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM8L052R8
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM8L052R8 Datasheet HTML 61Page - STMicroelectronics STM8L052R8 Datasheet HTML 62Page - STMicroelectronics STM8L052R8 Datasheet HTML 63Page - STMicroelectronics STM8L052R8 Datasheet HTML 64Page - STMicroelectronics STM8L052R8 Datasheet HTML 65Page - STMicroelectronics STM8L052R8 Datasheet HTML 66Page - STMicroelectronics STM8L052R8 Datasheet HTML 67Page - STMicroelectronics STM8L052R8 Datasheet HTML 68Page - STMicroelectronics STM8L052R8 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
STM8L052R8
Electrical parameters
Doc ID023337 Rev 2
65/109
In the following table, data are based on characterization results, unless otherwise specified.
Table 18.
Total current consumption in Wait mode
Symbol Parameter
Conditions(1)
Typ
Max
Unit
55°C
85 °C
IDD(Wait)
Supply
current in
Wait mode
CPU not
clocked,
all peripherals
OFF,
code executed
from RAM
with Flash in IDDQ
mode,(2)
VDD from
1.8 V to 3.6 V
HSI
fCPU = 125 kHz
0.21
0.29
0.33
mA
fCPU = 1 MHz
0.25
0.33
0.37
fCPU = 4 MHz
0.32
0.4
0.44
fCPU = 8 MHz
0.42
0.496
0.54
fCPU = 16 MHz
0.66
0.736 0.78(3)
HSE external clock
(fCPU=fHSE)
(4)
fCPU = 125 kHz
0.19
0.21
0.3
fCPU = 1 MHz
0.2
0.23
0.32
fCPU = 4 MHz
0.27
0.3
0.39
fCPU = 8 MHz
0.37
0.4
0.49
fCPU = 16 MHz
0.63
0.66
0.75(3)
LSI
fCPU = fLSI
0.028 0.037
0.039
LSE(5) external clock
(32.768 kHz)
fCPU = fLSE
0.027 0.035
0.038
CPU not
clocked,
all peripherals
OFF,
code executed
from Flash,
VDD from
1.8 V to 3.6 V
HSI
fCPU = 125 kHz
0.27
0.36
0.42
mA
fCPU = 1 MHz
0.29
0.38
0.44
fCPU = 4 MHz
0.37
0.46
0.52
fCPU = 8 MHz
0.45
0.55
0.61
fCPU = 16 MHz
0.69
0.79
0.85
HSE(4) external clock
(fCPU=
HSE)
fCPU = 125 kHz
0.23
0.29
0.32
fCPU = 1 MHz
0.24
0.31
0.34
fCPU = 4 MHz
0.32
0.39
0.42
fCPU = 8 MHz
0.42
0.49
0.51
fCPU = 16 MHz
0.7
0.77
0.79
LSI
fCPU = fLSI
0.037 0.085
0.105
LSE(5) external clock
(32.768 kHz)
fCPU = fLSE
0.036 0.082
0.095
1.
All peripherals OFF, VDD from 1.8 V to 3.6 V, HSI internal RC osc., fCPU = fSYSCLK
2.
Flash is configured in IDDQ mode in Wait mode by setting the EPM or WAITM bit in the Flash_CR1 register.
3.
Tested in production.
4.
Oscillator bypassed (HSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the HSE consumption
(IDD HSE) must be added. Refer to Table 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com