Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM8L052R8
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM8L052R8 Datasheet HTML 91Page - STMicroelectronics STM8L052R8 Datasheet HTML 92Page - STMicroelectronics STM8L052R8 Datasheet HTML 93Page - STMicroelectronics STM8L052R8 Datasheet HTML 94Page - STMicroelectronics STM8L052R8 Datasheet HTML 95Page - STMicroelectronics STM8L052R8 Datasheet HTML 96Page - STMicroelectronics STM8L052R8 Datasheet HTML 97Page - STMicroelectronics STM8L052R8 Datasheet HTML 98Page - STMicroelectronics STM8L052R8 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
STM8L052R8
Electrical parameters
Doc ID023337 Rev 2
95/109
8.3.10
Embedded reference voltage
In the following table, data are based on characterization results, not tested in production,
unless otherwise specified.
Table 43.
Reference voltage characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IREFINT
Internal reference voltage
consumption
1.4
µA
TS_VREFINT
(1)(2)
ADC sampling time when reading the
internal reference voltage
510
µs
IBUF
(1)
Internal reference voltage buffer
consumption (used for ADC)
13.5
25
µA
VREFINT out
Reference voltage output
1.202
(3)
1.224
1.242
(3)
V
ILPBUF
(1)
Internal reference voltage low power
buffer consumption (used for
comparators or output)
730
1200
nA
IREFOUT
(1)(4)
Buffer output current
1
µA
CREFOUT
Reference voltage output load
50
pF
tVREFINT
(1)
Internal reference voltage startup
time
23
ms
tBUFEN
(1)(2)
Internal reference voltage buffer
startup time once enabled
10
µs
STABVREFINT
Stability of VREFINT over temperature -40 °C ≤ TA ≤ 85 °C
20
50
ppm/°C
Stability of VREFINT over temperature
0 °C
≤ TA ≤ 50 °C
20
ppm/°C
STABVREFINT
Stability of VREFINT after 1000 hours
TBD
ppm
1.
Guaranteed by design, not tested in production
2.
Defined when ADC output reaches its final value ±1/2LSB
3.
Tested in production at VDD = 3 V ±10 mV.
4.
To guarantee less than 1%
VREFOUT deviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com