Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM8L052R8
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM8L052R8 Datasheet HTML 21Page - STMicroelectronics STM8L052R8 Datasheet HTML 22Page - STMicroelectronics STM8L052R8 Datasheet HTML 23Page - STMicroelectronics STM8L052R8 Datasheet HTML 24Page - STMicroelectronics STM8L052R8 Datasheet HTML 25Page - STMicroelectronics STM8L052R8 Datasheet HTML 26Page - STMicroelectronics STM8L052R8 Datasheet HTML 27Page - STMicroelectronics STM8L052R8 Datasheet HTML 28Page - STMicroelectronics STM8L052R8 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
STM8L052R8
Pin description
Doc ID023337 Rev 2
25/109
33
PB2/ TIM2_CH2/
LCD_SEG12/
ADC1_IN16
I/O FT(2)
XX
X
HS
X
X Port B2
Timer 2 - channel 2 / LCD
segment 12 / ADC1_IN16
34
PB3/TIM2_ETR/
LCD_SEG13/
ADC1_IN15
I/O FT(2)
XX
X
HS
X
X Port B3
Timer 2 - trigger / LCD
segment 13 /ADC1_IN15
35
PB4(3)/[SPI1_NSS](8)/
LCD_SEG14/
ADC1_IN14
I/O FT(2) X(3) X(3)
XHS
X
X Port B4
[SPI1 master/slave select] /
LCD segment 14 /
ADC1_IN14
36
PB5/[SPI1_SCK](8)/
LCD_SEG15/
ADC1_IN13
I/O FT(2)
XX
X
HS
X
X Port B5
[SPI1 clock] / LCD segment
15 / ADC1_IN13
37
PB6/[SPI1_MOSI](8)/
LCD_SEG16/
ADC1_IN12
I/O FT(2)
XX
X
HS
X
X Port B6
[SPI1 master out/slave in]/
LCD segment 16 /
ADC1_IN12
38
PB7/[SPI1_MISO](8)/
LCD_SEG17/
ADC1_IN11
I/O FT(2)
XX
X
HS
X
X Port B7
[SPI1 master in- slave out]
/LCD segment 17 /
ADC1_IN11
53
PC0(2)/I2C1_SDA
I/O FT(2)
XX
T(4)
Port C0 I2C1 data
54
PC1(2)/I2C1_SCL
I/O FT(2)
XX
T(4)
Port C1 I2C1 clock
57
PC2/USART1_RX/
LCD_SEG22/ADC1_IN6/
VREFINT
I/O FT(2)
XX
X
HS
X
X Port C2
USART1 receive /
LCD segment 22 /
ADC1_IN6 /Internal voltage
reference output
58
PC3/USART1_TX/
LCD_SEG23/
ADC1_IN5
I/O FT(2)
XX
X
HS
X
X Port C3
USART1 transmit /
LCD segment 23 /
ADC1_IN5
59
PC4/USART1_CK/
I2C1_SMB/CCO/
ADC1_IN4
I/O FT(2)
XX
X
HS
X
X Port C4
USART1 synchronous
clock / I2C1_SMB /
Configurable clock output /
ADC1_IN4
60
PC5/OSC32_IN
/[SPI1_NSS](8)/
[USART1_TX](8)
I/O FT(2)
XX
X
HS
X
X Port C5
LSE oscillator input / [SPI1
master/slave select] /
[USART1 transmit]
61
PC6/OSC32_OUT/
[SPI1_SCK](8)/
[USART1_RX](8)
I/O FT(2)
XX
X
HS
X
X Port C6
LSE oscillator output /
[SPI1 clock] / [USART1
receive]
62
PC7/ADC1_IN3
I/O FT(2)
XX
X
HS
X
X Port C7 ADC1_IN3
Table 4.
High density value line STM8L05xxx pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com