Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM8L052R8
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM8L052R8 Datasheet HTML 68Page - STMicroelectronics STM8L052R8 Datasheet HTML 69Page - STMicroelectronics STM8L052R8 Datasheet HTML 70Page - STMicroelectronics STM8L052R8 Datasheet HTML 71Page - STMicroelectronics STM8L052R8 Datasheet HTML 72Page - STMicroelectronics STM8L052R8 Datasheet HTML 73Page - STMicroelectronics STM8L052R8 Datasheet HTML 74Page - STMicroelectronics STM8L052R8 Datasheet HTML 75Page - STMicroelectronics STM8L052R8 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
Electrical parameters
STM8L052R8
72/109
Doc ID023337 Rev 2
In the following table, data are based on characterization results, unless otherwise specified.
Figure 15.
Typical IDD(Halt) vs. VDD (internal reference voltage OFF)
Table 23.
Total current consumption and timing in Halt mode at VDD = 1.8 to 3.6 V
Symbol
Parameter
Condition(1)
Typ.
Max.
Unit
IDD(Halt)
Supply current in Halt mode
(Ultra low power ULP bit =1 in
the PWR_CSR2 register)
TA = -40 °C to 25 °C
400
1600(2)
nA
TA = 55 °C
810
2400
TA = 85 °C
1600
4500(2)
IDD(WUHalt)
Supply current during wakeup
time from Halt mode (using
HSI)
2.4
mA
tWU_HSI(Halt)
(3)(4)
Wakeup time from Halt to Run
mode (using HSI)
4.7
7
µs
tWU_LSI(Halt)
(3)(4)
Wakeup time from Halt mode
to Run mode (using LSI)
150
µs
1.
TA = -40 to 85 °C, no floating I/O, unless otherwise specified
2.
Tested in production
3.
ULP=0 or ULP=1 and FWU=1 in the PWR_CSR2 register
4.
Wakeup time until start of interrupt vector fetch.
The first word of interrupt routine is fetched 4 CPU cycles after tWU
0006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
25°C
85°C
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VDD (V)
25°C
85°C
-40°C
MS19119V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com