Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8L052R8 Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM8L052R8
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM8L052R8 Datasheet HTML 65Page - STMicroelectronics STM8L052R8 Datasheet HTML 66Page - STMicroelectronics STM8L052R8 Datasheet HTML 67Page - STMicroelectronics STM8L052R8 Datasheet HTML 68Page - STMicroelectronics STM8L052R8 Datasheet HTML 69Page - STMicroelectronics STM8L052R8 Datasheet HTML 70Page - STMicroelectronics STM8L052R8 Datasheet HTML 71Page - STMicroelectronics STM8L052R8 Datasheet HTML 72Page - STMicroelectronics STM8L052R8 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 109 page
background image
STM8L052R8
Electrical parameters
Doc ID023337 Rev 2
69/109
In the following table, data are based on characterization results, unless otherwise specified.
Figure 13.
Typical IDD(LPW) vs. VDD (LSI clock source), all peripherals OFF
(1)
1.
Typical current consumption measured with code executed from RAM.
Table 20.
Total current consumption in Low power wait mode at VDD = 1.8 V to 3.6 V
Symbol
Parameter
Conditions(1)
Typ.
Max.
Unit
IDD(LPW)
Supply current in
Low power wait
mode
LSI RC osc.
(at 38 kHz)
all peripherals OFF
TA = -40 °C to 25 °C
3.03
3.41
μA
TA = 55 °C
3.38
3.78
TA = 85 °C
4.6
5.34
with TIM2 active(2)
TA = -40 °C to 25 °C
3.78
4.21
TA = 55 °C
4.13
4.57
TA = 85 °C
5.29
6.08
LSE external
clock(3)
(32.768 kHz)
all peripherals OFF
TA = -40 °C to 25 °C
2.46
2.89
TA = 55 °C
2.58
3.07
TA = 85 °C
3.32
4.05
with TIM2 active (2)
TA = -40 °C to 25 °C
2.88
3.29
TA = 55 °C
2.97
3.42
TA = 85 °C
3.69
4.55
1.
No floating I/Os.
2.
Timer 2 clock enabled and counter is running.
3.
Oscillator bypassed (LSEBYP = 1 in CLK_ECKCR). When configured for external crystal, the LSE consumption
(IDD LSE) must be added. Refer to Table 29.
0
0.005
0.01
0.015
0.02
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
VDD (V)
25
85°C
-40°C
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com