Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 24 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 20Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 21Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 22Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 23Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 24Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 25Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 26Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 27Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
9 Static characteristics
Symbol
Description (Rating)
Min
Max
Unit
ESD ratings
Human body model: AEC-Q100 Rev H.
VESD_HBM
All pins
-2
2
kV
VESD_
GLOBAL_HBM
Global pins (VSUP, Vx_IN, LIMP0, WAKEx, HVIO1)
-4
4
kV
VESD_CAN_HBM CAN bus interface pins (CANH, CANL)
-8
8
kV
Charged device model
VESD_CDM
All pins, per AEC-Q100 rev H
-500
500
V
VESD_CDM_c
Pins 1, 8, 9, 16, 17, 24, 25, 32
-750
750
V
Gun discharged contact test
VESD_GUN1
330 Ω/150 pF unpowered according to IEC 61000-4-2
Global pins and bus interface pins
-8
8
kV
VESD_GUN2
2 kΩ/150 pF unpowered according to ISO 10605:2008
Global pins and bus interface pins
-8
8
kV
VESD_GUN3
2 kΩ/330 pF powered, GND connected, according to ISO 10605:2008
Global pins and bus interface pins
-8
8
kV
VESD_GUN4
330 Ω/150 pF unpowered, GND connected, according to ISO
10605:2008
Global pins and bus interface pins
-8
8
kV
Table 8. Static characteristics
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
24 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com