Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 77 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 73Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 74Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 75Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 76Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 77Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 78Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 79Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 80Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
20 MCU communication
The FS24 provides SPI interface for device configuration, control and diagnostic, in Normal and LPON modes.
20.1 SPI communication
The FS24 provides a 32-bits SPI interface with the following arrangement:
Primary output secondary in bits (MOSI):
• Bits 31 to 25: register address
• Bit 24: read/write (For reading Bit 24 = ‘0’; For writing Bit 24 = ‘1’)
• Bits 23 to 8: control bits
• Bits 7 to 0: cyclic redundant check (CRC)
Primary input secondary out bits (MISO):
• Bits 31 to 24: general device status
• Bits 23 to 8: device internal control register content
• Bits 7 to 0: cyclic redundant check (CRC)
The digital SPI pins (CSB, SCLK, MOSI, MISO) are referenced to VDDIO.
The MCU is the master driving MOSI. FS24 is the slave driving MISO. The MISO data is latched at the SCLK
rising edge and MOSI data is latched at the SCLK falling edge. MSB is sent first. In write command, MISO
[31:24] bits are the general status flags, [23:8] bits are all 0 and MISO [7:0] is the CRC of the message sent by
the FS24. In read command, MOSI [23:8] bits are all 0 and MOSI [7:0] is the CRC of the message sent by the
MCU. Table 50 and Table 51 describe SPI communication protocol for writing data into the FS24 or reading data
from the FS24.
B31
B30
B29
B28
B27
B26
B25
B24
B23
B22
B21
B20
B19
B18
B17
B16
MOSI
Register address [6:0]
R/W
Write data [15:8]
MISO
0
WD_G PHYG
WUG
IOG
COMG VSUPG VXG
Read data [15:8]
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
MOSI
Write data [7:0]
CRC [7:0]
MISO
Read data [7:0]
CRC [7:0] - response
Table 50. SPI write command message construction
B31
B30
B29
B28
B27
B26
B25
B24
B23
B22
B21
B20
B19
B18
B17
B16
MOSI
Register address [6:0]
R/W
0x00
MISO
0
WD_G PHYG
WUG
IOG
COMG VSUPG VXG
Read data [15:8]
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
MOSI
0x00
CRC [7:0]
MISO
Read data [7:0]
CRC [7:0] - response
Table 51. SPI read command message construction
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
77 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com