Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 33Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 34Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 35Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 36Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 37Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 38Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 39Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 40Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
14.1.5 HVBUCK efficiency
The HVBUCK efficiency was measured at 2.25 MHz in PWM and PFM mode using the exact hardware and
OTP configurations listed in Table 14.
3.3 V
2.5 V
2 V
Inductor reference
TFM
VLS
TFM
VLS
TFM
VLS
Vin
14
14
14
14
14
14
Cin (eff.)
3.4 uF
3.4 uF
3.4 uF
3.4 uF
3.4 uF
3.4 uF
Cin_esr
3.4 mΩ
3.4 mΩ
3.4 mΩ
3.4 mΩ
3.4 mΩ
3.4 mΩ
Cout (eff.)
8.9 uF
8.9 uF
9.3 uF
9.3 uF
9.6 uF
9.6 uF
Cout_esr
3.1 mΩ
3.1 mΩ
3.1 mΩ
3.1 mΩ
3.1 mΩ
3.1 mΩ
L (eff.)
4.7 µH
3.8 µH
4.7 µH
3.8 µH
4.7 µH
3.8 µH
L_dcr
200 mΩ
120 mΩ
200 mΩ
120 mΩ
200 mΩ
120 mΩ
Hardware
C_boot
33 nF
33 nF
33 nF
33 nF
33 nF
33 nF
BUCK_SRHSOFF
10 ns
10 ns
10 ns
10 ns
10 ns
10 ns
BUCK_SRHSON
10 ns
10 ns
10 ns
10 ns
10 ns
10 ns
BUCK_CLK
2.25 MHz
2.25 MHz
2.25 MHz
2.25 MHz
2.25 MHz
2.25 MHz
BUCK_AVG_OC_PWM
600 mA
600 mA
600 mA
600 mA
600 mA
600 mA
BUCK_PK_OC_PWM
800 mA
800 mA
800 mA
800 mA
800 mA
800 mA
BUCK_PFM_TON
305 ns
305 ns
-
-
-
-
BUCK_PFM_TOFF
250 ns
250 ns
-
-
-
-
VV1_BUCK
3.3 V
3.3 V
2.5 V
2.5 V
2.0 V
2.0 V
VV1_LP_BUCK
3.3 V
3.3 V
-
-
-
-
BUCK_SEL_PFM_TON
0b'0
0b'0
-
-
-
-
BUCK_RRV_LV
12 ns
12 ns
12 ns
12 ns
12 ns
12 ns
OTP
VBOS2V1_SW_LP_EN
0b'0
0b'0
0b'0
0b'0
0b'0
0b'0
Table 14. Hardware and configurations
Figure 22 and Figure 23 are the HVBUCK efficiency measured in PWM at 2.2 MHz, using the
TFM252012ALMA4R7MTAA reference inductor and the VLS3015CX-4R7M-H reference inductor, respectively.
Output current (A)
0
0.4
0.3
0.2
0.1
aaa-051569
60
70
50
80
90
Efficiency
(%)
40
2 V
3.3 V
Figure 22. HVBUCK efficiency using 2.25 MHz using TFM252012ALMA4R7MTAA
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
37 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com