Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 72Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 73Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 74Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 75Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 76Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 77Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 78Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 79Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
ABIST can be launched for all the voltage monitoring channels at the same time (via LAUNCH_ABIST bit), or
individually (via ABIST_Vxxxx individual bits). An individual diagnostic bit is available for each channel once
the ABIST is done (ABIST_DONE = 1). A CLEAR_ABIST bit is available to clear the diagnostic flags before
launching the next ABIST. The flags have no impact on the safety pins.
If one of the concerned monitored voltage is out of range (OV or UV), the ABIST on demand command is
ignored. While the ABIST is running, the other monitoring functions are kept available.
TA = −40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
ABIST
TABIST
ABIST duration for one monitoring channel
-
-
20
µs
Table 48. ABIST electrical characteristics
19.8 Cyclic CRC check
The FS24 provides an 8-bit cyclic CRC check to verify the integrity of the INIT registers (FS_I_xxxx) containing
the safety configuration information (configurable in INIT mode only). This mechanism allows for the detection of
a misconfiguration from the MCU or a bit flip in the INIT registers.
The 8-bit CRC is computed on the result of the concatenation of the following register bits:
• FS_I_OVUV_CFG1[15:0]
• FS_I_OVUV_CFG2[15:0]
• FS_I_ERRMON_LIMP0_CFG[15:0]
• FS_I_FSSM_CFG[15:4]
• FS_I_WD_CFG[15:7]
The calculation to apply on the result of the concatenation is the same as the SPI CRC, using
x^8+x^4+x^3+x^2+1 polynomial. The MCU must write the obtained CRC in the FS_CRC register before closing
the INIT phase, after the modification of the INIT registers.
Once the INIT phase is closed and the device is in Normal mode, the cyclic CRC check is launched
automatically each 5 ms (TCRC) (<FTTI).
Each 5 ms, the device logic recalculates the CRC and compares it to the value stored in FS_CRC register.
If a mismatch is reported, the INIT_CRC_NOK_I bit is set and LIMP0 is asserted depending on its impact
configuration (INIT_CRC_LIMP0_IMPACT).
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Cyclic CRC check
TCRC
CRC check timing interval
4.75
5
5.25
ms
Table 49. Cyclic CRC check characteristics
19.9 Clock monitoring
The 1 MHz clock is monitored for stuck-at faults in Normal mode. In case a stuck-at is detected, the two safety
pins RSTB and LIMP0 are asserted.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
76 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com