Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 69 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 65Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 66Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 67Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 68Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 69Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 70Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 71Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 72Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
aaa-046859
Error signal
(ERRMON input)
FS24 ERRMON_ACK
bit
LIMP0
Reset
counter
ERRMON_ACK_TIME
ERRMON_ACK_TIME
Error acknowledged by MCU.
Internal monitoring signal released.
No error reported.
Error NOT acknowledged by MCU.
Error reported at the end of the counter.
LIMP0 is asserted
Figure 42. External IC monitoring timing diagram
TA = –40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Description
Min
Typ
Max
Unit
Electrical characteristics
VIH_ERRMON
High-level input voltage threshold
0.7 x
VDDIO
-
-
V
VIL_ERRMON
Low-level input voltage threshold
-
-
0.3 x
VDDIO
V
VIN_HYS_ERRMON
Threshold hysteresis
100
-
-
mV
tERRMON_ERR
Filtering time
4
6
8
µs
tERRMON_ACK_ACC
Acknowledgment counter accuracy
-10
-
10
%
RPD_ERRMON
ERRMON pulldown resistor value
200
400
800
kΩ
Table 41. External IC monitoring electrical characteristics
19.5 Fault management
19.5.1 Fault error counter
The FS24 integrates a configurable fault error counter, which is counting the number of faults related to the
device and also caused by external events. The fault error counter starts at 1 after a POR or resuming from
LPON or LPOFF. The final value of the fault error counter is used to transition in fail-safe state (all safety pins
asserted). The maximum value of this counter is configurable with the FLT_ERR_LIMIT[1:0] bits during the INIT
phase.
FLT_ERR_LIMIT[1:0]
Fault error counter max
value configuration
Fault error counter intermediate value
00
2
1
01 (default)
6
3
10
8
4
11
12
6
Reset condition
POR
Table 42. Fault error counter configuration
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
69 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com