Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 68Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 69Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 70Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 71Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 72Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 73Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 74Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 75Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
In Green, the reaction is configurable by OTP and SPI for RSTB and by SPI for LIMP0 in INIT mode.
Mode
Fault Source
Fault error counter
RSTB assertion
LIMP0 assertion
VxTSD & CONF_TSD_Vx_OTP
Max
Yes [1]
Yes[1]
VxMON_OV & CONF_OV_Vx_OTP
Max
Yes[1]
Yes[1]
VxMON OV & !CONF_OV_Vx_OTP
+1
VxMON_OV_
RSTB_IMPACT
VxMON_OV_
LIMP0_IMPACT
VxMON UV
+1
VxMON_UV_
RSTB_IMPACT
VxMON_UV_
LIMP0_IMPACT
First fault & FIRST_FAULT_EN_OTP
Max
Yes[1]
Yes[1]
FLT_ERR_CNT = MID VALUE
No change
FLT_MID_RSTB_IMPACT
FLT_MID_LIMP0_IMPACT
WD_ERR_CNT = WD_ERR_LIMIT
+1
WD_RSTB_IMPACT
WD_LIMP0_IMPACT
ERRMON
+1
ERRMON_FS_REACTION
ERRMON_FS_REACTION
RSTB request by MCU
No change
Yes
No
WD reset by MCU (WD_RSTB_REQ)
No change
No
No
LIMP0 request by MCU
No change
No
Yes
External reset (out of extended RSTB)
+1
No
No
RSTB short to high
No change
No
Yes
LIMP0 short to high
No change
LIMP0_SC_RSTB_IMPACT
No
RSTB short 8 s
Max
Yes[1]
Yes[1]
INIT_CRC_NOK
+1
No
INIT_CRC_LIMP0_ IMPACT
Slot 0 to
Normal state
1MHz_STUCK_AT
N/A
Yes
Yes
V1_UVLP
Clear at 1
Yes[1]
Yes[1]
WD_ERR_CNT = WD_ERR_LIMIT
Clear at 1
WD_RSTB_IMPACT
WD_LIMP0_IMPACT
LPON state
No Fault (default)
Clear at 1
No
No
LPOFF state
No Fault (default)
Clear at 1
Yes by default[2]
No
Fail-safe state
State Machine in fail-safe (default)
Clear at 1
Yes by default[2]
Yes by default [2]
Table 44. Application related fail-safe fault list and reaction
[1]
By cascading effect, the fault error counter reaches its maximum value, which leads to the assertion low of RSTB and LIMP0, because the FS2400 is
transitioning to Fail-safe state.
[2]
By default (when no fault), RSTB is asserted in LPOFF mode. In the Fail-safe state, RSTB and LIMP0 are asserted.
19.5.3 Fail-safe mode
FS24 enters in Fail-safe (FS) mode when:
• The fault error counter reaches its maximum value (not configurable)
• VBOS UV is detected
• RSTB is asserted low for 8 s (if enabled by OTP)
• VxOV is detected (if configured by OTP)
• VxTSD is detected (if configured by OTP)
• V1UVLP is detected in LPON mode or during transition from LPON mode to Normal mode
• When the first fault is detected (if configured by OTP)
In Fail-safe mode, all the regulators are turned OFF, the high-power analog circuitry is disabled, the 20 MHz
oscillator is disabled, the OV/UV monitoring are masked and FS_EVT bit is set to 1.
The fault error counter is reset to 1 and disabled.
The device exits the fail-safe state after TFS_DUR time. If FS_LPOFF_OTP bit is set to 1, the device exits FS
state and goes to LPOFF. Otherwise it goes back to power-up sequence.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
72 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com