Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 88Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 89Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 90Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 91Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 92Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 93Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 94Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 95Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Bit
Symbol
Description
Request to enable V3
0 No effect (Regulator remain in its current state)
1 Request to enable V3
1
V3EN
POR, Self-clear
Configure V3 state in LPON mode
0 Follow the power down slot configuration
1 Keep V3 ON in LPON if V3 was already ON in NORMAL mode
2
V3ON_LPON
POR
Request to disable V1
0 No effect (Regulator remain in its current state)
1 Request to disable V1
6
V1DIS
POR, Self-clear
Request to enable V1
0 No effect (Regulator remain in its current state)
1 Request to enable V1
7
V1EN
POR, Self-clear
Select BUCK slew rate when the High Side turns ON
000 HS rising slew rate is 20 ns (for 450 kHz only)
001 HS rising slew rate is 20 ns (for 450 kHz only)
010 HS rising slew rate is 15 ns (for 450 kHz only)
011 HS rising slew rate is 10 ns
100 HS rising slew rate is 6.3 ns
101 HS rising slew rate is 5 ns
110 HS rising slew rate is 3 ns
111 HS rising slew rate is 2 ns
8 to 10
BUCK_SRHSON
POR or OTP Fuse load
Select BUCK slew rate when the High Side turns OFF
00 HS falling slew rate is 20 ns (for 450 kHz only)
01 HS falling slew rate is 15 ns (for 450 kHz only)
10 HS falling slew rate is 10 ns
11 HS falling slew rate is 5 ns
11 to 12
BUCK_SRHSOFF
POR or OTP Fuse load
Table 71. M_REG_CTRL register bit description...continued
22.8 M_REG2_CTRL
Bit
15
14
13
12
11
10
9
8
Write
0
0
0
0
0
0
GO2DFLT
GO2DVS
Read
0
0
0
0
0
VV1_BUCK_S
0
0
Reset
0
0
0
0
0
0
0
0
Table 72. M_REG_CTRL register bit allocation
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
92 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com