Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 71Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 72Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 73Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 74Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 75Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 76Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 77Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 78Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
TA = -40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Static electrical characteristics
LIMP0VIL
Low-level Input voltage
LIMP0_TH_SEL = 0
LIMP0_TH_SEL = 1
-
-
-
-
0.7
2
V
LIMP0VIH
High-level Input voltage
LIMP0_TH_SEL = 0
LIMP0_TH_SEL = 1
1.5
3
-
-
-
-
V
LIMP0VOL
Low-level output voltage (I = 2.0 mA)
-
-
0.4
V
LIMP0RPD
Internal pulldown resistor
1
2
4
MΩ
LIMP0ILIM
Current limitation
4
-
22
mA
Dynamic electrical characteristics
LIMP0TFB
Feedback filtering time
8
10
15
µs
LIMP0TSC
Short- to high-detection timer
500
650
800
µs
LIMP0TFALL
Fall time (pullup to VSUP = 14 V, 10 nF output capacitor)
-
-
25
µs
External components
External pullup resistor to VDDIO (nominal)
-
5.1
-
kΩ
LIMP0RPU
External pullup resistor to VSUP (nominal)
-
10
-
kΩ
LIMP0RSER
External serial resistor (optional, 0805 package size)
-
5.1
-
kΩ
LIMP0COUT1
External output capacitor (close to the pin)
-
10
-
nF
LIMP0COUT2
External output capacitor (optional, after the serial resistor)
-
22
-
nF
Table 47. LIMP0 electrical characteristics
19.6.3 LIMP0 as a safety output release
When the fail-safe output LIMP0 is asserted low by the device because a fault, some conditions must be
validated before allowing the LIMP0 pin to be released by the device. These conditions are:
• No fault affecting LIMP0 reported
• Fault error counter = 0
• Device in Normal mode
• Device not in INIT mode
• FS_LIMP0_REL register filled with the correct value, depending on current WD_TOKEN[15:0],
(WD_TOKEN[15:8] with LSB and MSB inverted, then complemented)
19.6.4 LIMP0 as a GPO
When LIMP0 is not used as a safety output, it can be used as a general purpose output (GPO). To use LIMP0
as a GPO, LIMP0_EN_OTP bit must be set to 0 and the MCU must configure LIMP0_GPO = 1 during INIT
phase. The pin is set to low level by setting the LIMP0_REQ bit and set to high level (biased by the external pull
up) by setting the LIMP0_REL bit.
19.7 Analog built-in self-test (ABIST)
The FS24 provides an analog built-in self-test (ABIST) to verify the correct functionality of the voltage monitoring
functions. The ABIST is executed on demand, after an SPI request from the MCU. ABIST can only be launched
from Normal mode. A status bit ABIST_READY is provided to notify that ABIST is available and ready to be
launched.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
75 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com