Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 30 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 26Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 27Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 28Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 29Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 30Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 31Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 32Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 33Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
13.3 Current consumption
Electrical characteristics
TA = –40 °C to 115 °C, unless otherwise specified. VSUP from VSUP_UVH to 40 V, unless otherwise specified. All voltages
referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Quiescent current
INORMAL
Current in Normal mode
• V1 in Force PWM mode
• V3 enabled
• CAN in Wake-up mode
• V1 output current = 0 mA
• V3 output current = 0 mA
• Wake pins ignored
-
5
10
mA
Current in Low-power on (LPON) mode
Typical value at Tj=25 °C. Maximum value at Tj = 85 °C
• VSUP = 12 V
• V1 output voltage set ≥ 3.3 V[1]
• V1 in Pulse Frequency Modulation (PFM) mode
• HVIO1 wake-up only
-
40
50
µA
IQ_LPON
Current in Low-power on (LPON) mode
Typical value at Tj = 25 °C. Maximum value at Tj = 85 °C
• VSUP = 12 V
• V1 output voltage set < 3.3 V
• V1 in Pulse Frequency Modulation (PFM) mode
• HVIO1 wake-up only
-
65
80
µA
IQ_LPOFF_CWK
Current in Low-power off (LPOFF) mode
Typical value at Tj = 25 °C. Maximum value at Tj = 85 °C
• VSUP = 12 V
• V1 off
• V3 off
• HVIO1 wake-up only
-
35
55
µA
Table 11. Current consumption
[1]
In LPON mode, when V1 is equal or superior to 3.3 V, the quiescent current can be reduced by supplying VBOS from V1 (closing VBOS2V1 switch, if
configured by OTP). This way, the current consumption beneficiates from the ratio between VBAT and V1 output.
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
30 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com