Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 3Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 4Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 5Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 6Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 7Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 8Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 9Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 10Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
5 Block diagram
aaa-046829
FS2400
FUNCTIONAL BLOCK DIAGRAM
WAKE-UP
HVIO, WAKE PINS, LDT,
SPI, CAN
OTP FLEXIBLE
CONFIGURATION
AMUX
WINDOW WATCHDOG
HW ID CONFIGURATION
VOLTAGE SUPERVISOR
SAFETY IOS
(RSTB, LIMP0, ERRMON)
ABIST
LOGIC AND CONTROL
POWER-UP
SEQUENCING
SPI, LOW POWER
FIT FOR ASIL B
SAFETY
MONITORING
UNIT
BUCK - INTERNAL MOSFETS
CONFIGURABLE FROM 1.9 V TO 5.0 V @ 400 mA
LDO - 3.3 V or 5 V
@ 150 mA
CAN FD
Figure 2. Functional block diagram
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
7 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com