Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 73 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 69Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 70Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 71Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 72Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 73Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 74Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 75Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 76Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
TA = -40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Fail-safe
TFS_DUR
Fail-safe state duration
• FS_DUR_CFG_OTP = 0
• FS_DUR_CFG_OTP = 1
90
3.6
100
4
110
4.4
ms
s
Table 45. Fail-safe state electrical characteristics
19.6 RSTB, LIMP0
Two safety output pins, RSTB and LIMP0, are implemented in order to guarantee the safe state of the system.
All of those safety outputs are active low.
RSTB is activated during power up and can only be released when the device is in Normal mode. LIMP0 is
released at startup and is only asserted when a fault occurs.
The two pins are managed independently in parallel of the main-state machine.
19.6.1 RSTB
RSTB is an open-drain output that can be connected in the application to the reset of the MCU. RSTB requires
an external pullup resistor to VDDIO. An internal pulldown RSTBRPD ensures RSTB low level in case of POR.
Redundant supplies of RSTB driver ensures that the pin will be driven low when VSUP is lost. When RSTB is
stuck low for more than RSTBT8S, the device transitions in Fail-safe mode. RSTB assertion depends on the
device configuration during INIT phase. The configurations can be preselected by OTP. RSTB can also be
asserted at MCU request by SPI, to check the correct HW connection.
aaa-046862
VBOS/V1/VDDIO
LOGIC
RPD
5.1 kΩ
1 nF
VDDIO
To MCU Reset
RSTB
Figure 45. RSTB pin implementation
A 1 ms or 10 ms delay is added before RSTB is released, depending on RSTB_DUR bit (preselectable by OTP)
to accommodate specific MCU requirement asking for voltage supply stabilization before RSTB is released.
TA = -40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. All voltages referenced to ground.
Symbol
Parameter
Min
Typ
Max
Unit
Static electrical characteristics
RSTBVIL
Low-level Input voltage
-
-
0.7
V
RSTBVIH
High-level Input voltage
1.5
-
-
V
RSTBVOL
Low-level output voltage (I = 2.0 mA)
-
-
0.4
V
RSTBRPD
Internal pulldown resistor
0.9
2
4
MΩ
Table 46. RSTB electrical characteristics
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
73 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com