Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMAFES Datasheet(PDF) 101 Page - NXP Semiconductors

Part # MFS2401AVMAFES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMAFES Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button MFS2401AVMAFES Datasheet HTML 97Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 98Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 99Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 100Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 101Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 102Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 103Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 104Page - NXP Semiconductors MFS2401AVMAFES Datasheet HTML 105Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 151 page
background image
NXP Semiconductors
FS2400
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
Bit
Symbol
Description
Report SPI CRC error due to incorrect CRC calculation
0 No error
1 SPI CRC error reported
7
SPI_CRC_I
POR, or clear on write (write'1)
Report VBOS undervoltage event
0 No event detected
1 VBOS UV occurred
11
VBOS_UV_I
POR, or clear on write (write'1)
Real-time status of the switch between VBOS and V1
0 The switch is opened
1 The switch is closed
12
VBOS2V1SW_S
Real-time information
Table 89. M_VSUP_COM_FLG register bit description...continued
22.17 M_VSUP_COM_MSK
Bit
15
14
13
12
11
10
9
8
Write
0
0
0
0
0
0
0
0
Read
0
0
0
0
0
0
0
0
Reset
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
Write
SPI_CRC_M
SPI_CLK_M
SPI_REQ_M
0
0
VSUPUV_
4P7_M
VSUPOV_M
VSUPUV_
4P7_M
Read
SPI_CRC_M
SPI_CLK_M
SPI_REQ_M
0
0
VSUPUV_
4P7_M
VSUPOV_M
VSUPUV_
4P7_M
Reset
0
0
0
0
0
0
0
0
Table 90. M_VSUP_COM_MSK register bit allocation
Bit
Symbol
Description
Inhibit VSUPUV interrupt at 4.7 V
0 Interrupt is not inhibited
1 Interrupt is inhibited
0
VSUPUV_4P7_M
POR
Inhibit VSUPOV interrupt
0 Interrupt is not inhibited
1 Interrupt is inhibited
1
VSUPOV_M
POR
Inhibit VSUPUV interrupt at 5.7 V
0 Interrupt is not inhibited
1 Interrupt is inhibited
2
VSUPUV_5P7_M
POR
Inhibit SPI request error interrupt
0 Interrupt is not inhibited
1 Interrupt is inhibited
5
SPI_REQ_M
POR
Table 91. M_VSUP_COM_MSK register bit description
FS2400
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 4 — 23 October 2024
Document feedback
101 / 151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com