Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 53 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 49Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 50Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 51Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 52Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 53Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 54Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 55Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 56Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 293 page
background image
uPSD34xx
Interrupt system
53/293
If an interrupt flag is not cleared after servicing the interrupt, an unwanted interrupt will occur
upon exiting the ISR.
After the interrupt is serviced, the last instruction executed by the ISR is RETI. The RETI
informs the MCU that the ISR is no longer in progress and the MCU pops the top two bytes
from the stack and loads them into the PC. Execution of the interrupted program continues
where it left off.
Note:
An ISR must end with a RETI instruction, not a RET. An RET will not inform the interrupt
control system that the ISR is complete, leaving the MCU to think the ISR is still in progress,
making future interrupts impossible.
Table 16.
Interrupt summary
Interrupt
Source
Polling
Priority
Vecto
r Addr
Flag Bit Name
(SFR.bit
position)
1 = Intr
Pending
0 = No
Interrupt
Flag Bit
Auto-
Cleared
by
Hardware?
Enable Bit Name
(SFR.bit
position)
1 = Intr Enabled
0 = Intr Disabled
Priority Bit
Name
(SFR.bit
position)
1= High Priority
0 = Low Priority
Reserved 0 (high) 0063h
–
–
–
–
External
Interrupt
INT0
1
0003h
IE0 (TCON.1)
Edge - Yes
Level - No
EX0 (IE.0)
PX0 (IP.0)
Timer 0
Overflow
2
000Bh
TF0 (TCON.5)
Yes
ET0 (IE.1)
PT0 (IP.1)
External
Interrupt
INT1
3
0013h
IE1 (TCON.3
Edge - Yes
Level - No
EX1 (IE.2)
PX1 (IP.2)
Timer 1
Overflow
4
001Bh
TF1 (TCON.7)
Yes
ET1 (IE.3)
PT1 (IP.3)
UART0
5
0023h
RI (SCON0.0)
TI (SCON0.1)
No
ES0 (IE.4)
PS0 (IP.4)
Timer 2
Overflow
or TX2
Pin
6
002Bh
TF2 (T2CON.7)
EXF2
(T2CON.6)
No
ET2 (IE.5)
PT2 (IP.5)
SPI
7
0053h
TEISF, RORISF,
TISF, RISF
(SPISTAT[3:0])
Yes
ESPI (IEA.6)
PSPI (IPA.6)
USB
8
0033h
– (1)
No
EUSB (IEA.0)
PUSB (IPA.0)
I2C
9
0043h INTR (S1STA.5)
Yes
EI2C (IEA.1)
PI2C (IPA.1)
ADC
10
003Bh
AINTF
(ACON.7)
No
EADC (IEA.7)
PADC (IPA.7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com