Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 14Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 15Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 16Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 17Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 18Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 19Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 20Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 21Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 293 page
background image
Hardware description
uPSD34xx
18/293
Figure 5.
Functional modules
10-bit
ADC
Dedicated Memory
Interface Prefetch,
Branch Cache
Enhanced MCU Interface
Decode PLD
PSD Page Register
SRAM
CPLD - 16 MACROCELLS
JTAG ISP
Reset Logic
WDT
Internal
Reset
Port 1
Port 3
Dual
UARTs
Interrupt
3 Timer /
Counters
256 Byte SRAM
Turbo 8032 Core
PSD Internal Bus
8032 Internal Bus
PSD
Reset
LVD
I
2C
Unit
USB and
Trans-
ceiver
Port D
GPIO
Port C
JTAG and
GPIO
Secondary
Flash
Reset Input
uPSD34xx
JTAG
DEBUG
8-Bit/16-Bit
Die-to-Die Bus
Main Flash
PCA
PWM
Counters
Reset
Pin
Ext.
Bus
SPI
V
CC Pins
3.3V
V
DD Pins
3.3V or 5V
MCU Module
PSD Module
Port 3 - UART0,
Intr, Timers
Port 1 - Timer, ADC, SPI
Port 4 - PCA,
PWM, UART1
Port 3
I
2C
USB
pins
XTAL
Clock Unit
Port A,B,C PLD
I/O and GPIO
AI10409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com