Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 6Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 7Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 8Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 9Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 10Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 11Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 12Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 13Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 293 page
background image
Summary description
uPSD34xx
10/293
Figure 2.
Block Diagram
PA0:7
PB0:7
PD1:2
PC0:7
MCU
Bus
P4.0:7
P1.0:7
P3.0:7
uPSD34xx
Dedicated
Pins
Supervisor:
Watchdog and Low-Voltage Reset
1st Flash Memory:
64K, 128K, or
256K Bytes
2nd Flash Memory:
32K Bytes
SRAM:
4K, 8K or 32K Bytes
Programmable
Decode and
Page Logic
General
Purpose
Programmable
Logic,
16 Macrocells
(8) GPIO, Port A
(80-pin only)
(8) GPIO, Port B
(4) GPIO, Port C
(2) GPIO, Port D
JTAG ICE and ISP
8032 Address/Data/Control Bus
(80-pin device only)
V
CC, VDD, GND, Reset, Crystal In
Turbo
8032
Core
PFQ
&
BC
(3) 16-bit
Timer/
Counters
(2)
External
Interrupts
I
2C
SPI
(8) 10-bit ADC
UART0
(8) GPIO, Port 1
(8) GPIO, Port 3
(8) GPIO, Port 4
USB+,
USB–
USB v2.0,
Full Speed
10
FIFOs
UART1
Optional IrDA
Encoder/Decoder
16-bit PCA
(6) PWM, CAPCOM, TIMER
AI09695b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com