Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 36Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 37Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 38Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 39Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 40Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 41Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 42Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 43Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 293 page
background image
8032 addressing modes
uPSD34xx
40/293
adding either the 16-bit PC or DPTR value to the contents of the accumulator. The value in
the accumulator is referred to as an index. The data fetched from the final location in
program memory is stored into the accumulator, overwriting the index value that was
previously stored there. For example:
9.8
Relative Addressing
This mode will add the two’s-compliment number stored in the second byte of the instruction
to the program counter for short jumps within +128 or –127 addresses relative to the
program counter. This is commonly used for looping and is very efficient since no additional
bus cycle is needed to fetch the jump destination address. For example:
9.9
Absolute Addressing
This mode will append the 5 high-order bits of the address of the next instruction to the 11
low-order bits of an ACALL or AJUMP instruction to produce a 16-bit jump address. The
jump will be within the same 2K byte page of program memory as the first byte of the
following instruction. For example:
9.10
Long Addressing
This mode will use the 16-bits contained in the two bytes following the instruction byte as a
jump destination address for LCALL and LJMP instructions. For example:
9.11
Bit Addressing
This mode allows setting or clearing an individual bit without disturbing the other bits within
an 8-bit value of internal SRAM. Bit Addressing is only available for certain locations in 8032
DATA and SFR memory. Valid locations are DATA addresses 20h - 2Fh and for SFR
addresses whose base address ends with 0h or 8h. (Example: The SFR, IE, has a base
MOVC A, @A+DPTR
; Move code byte relative to
; DPTR into accumulator
MOVC A, @A+PC
; Move code byte relative to PC
; into accumulator
SJMP 34h
; Jump 34h bytes ahead (in program
; memory) of the address at which
; the SJMP instruction is stored. If
; SJMP is at 1000h, program
; execution jumps to 1034h.
AJMP 0500h
; If next instruction is located at
; address 4000h, the resulting jump
; will be made to 4500h.
LJMP 0500h
; Unconditionally jump to address
; 0500h in program memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com