Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 10Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 11Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 12Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 13Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 14Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 15Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 16Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 17Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 293 page
background image
Pin descriptions
uPSD34xx
14/293
P3.0
RxD0
75
23
I/O
General I/O port pin
UART0 Receive
(RxD0)
P3.1
TXD0
77
24
I/O
General I/O port pin
UART0 Transmit
(TxD0)
P3.2
EXINT0
TGO
79
25
I/O
General I/O port pin
Interrupt 0 input
(EXTINT0)/Timer 0
gate control (TG0)
P3.3
INT1
2
26
I/O
General I/O port pin
Interrupt 1 input
(EXTINT1)/Timer 1
gate control (TG1)
P3.4
C0
40
27
I/O
General I/O port pin Counter 0 input (C0)
P3.5
C1
42
28
I/O
General I/O port pin Counter 1 input (C1)
P3.6
SDA
44
29
I/O
General I/O port pin
I2C Bus serial data
(I2CSDA)
P3.7
SCL
46
30
I/O
General I/O port pin
I2C Bus clock
(I2CSCL)
P4.0
T2
TCM0
33
22
I/O
General I/O port pin
Program Counter
Array0 PCA0-TCM0
Timer 2 Count input
(T2)
P4.1
T2X
TCM1
31
21
I/O
General I/O port pin PCA0-TCM1
Timer 2 Trigger
input (T2X)
P4.2
RXD1
TCM2
30
20
I/O
General I/O port pin PCA0-TCM2
UART1 or IrDA
Receive (RxD1)
P4.3
TXD1
PCACLK0
27
18
I/O
General I/O port pin PCACLK0
UART1 or IrDA
Transmit (TxD1)
P4.4
SPICLK
TCM3
25
17
I/O
General I/O port pin
Program Counter
Array1 PCA1-TCM3
SPI Clock Out
(SPICLK)
P4.5
SPIRXD
TCM4
23
16
I/O
General I/O port pin PCA1-TCM4
SPI Receive
(SPIRxD)
P4.6
SPITXD
19
15
I/O
General I/O port pin PCA1-TCM5
SPI Transmit
(SPITxD)
P4.7
SPISEL
PCACLK1
18
14
I/O
General I/O port pin PCACLK1
SPI Slave Select
(SPISEL)
AVREF
70
N/A
I
Reference Voltage
input for ADC.
Connect AVREF to
VCC if the ADC is
not used.
RD
65
N/A
O
READ Signal,
external bus
WR
62
N/A
O
WRITE Signal,
external bus
Table 2.
Pin definitions
Port Pin
Signal
Name
80-Pin
No.
52-Pin
No.(1)
In/Out
Function
Basic
Alternate 1
Alternate 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com